Electronic Components Datasheet Search |
|
T83C5101 Datasheet(PDF) 9 Page - ATMEL Corporation |
|
T83C5101 Datasheet(HTML) 9 Page - ATMEL Corporation |
9 / 58 page 9 T8xC5101/02 4233G–8051–03/03 Figure 2. Mode Switching Waveforms The X2 bit in the CKCON register (See Table 2.) allows to switch from 12 clock cycles per instruction to 6 clock cycles and vice versa. At reset, the standard speed is activated (STD mode). Setting this bit activates the X2 feature (X2 mode). CAUTION In order to prevent any incorrect operation while operating in X2 mode, user must be aware that all peripherals using clock frequency as time reference (UART, timers, PCA...) will have their time reference divided by two. For example a free running timer generating an interrupt every 20 ms will then generate an interrupt every 10 ms. UART with 4800 baud rate will have 9600 baud rate. Table 2. CKCON Register CKCON - Clock Control Register (8Fh) Reset Value = XXXX XXX0b Not bit addressable XTAL1:2 XTAL1 CPU clock X2 bit X2 Mode STD Mode STD Mode 7654 3210 ------- X2 Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6- Reserved The value read from this bit is indeterminate. Do not set this bit. 5- Reserved The value read from this bit is indeterminate. Do not set this bit. 4- Reserved The value read from this bit is indeterminate. Do not set this bit. 3- Reserved The value read from this bit is indeterminate. Do not set this bit. 2- Reserved The value read from this bit is indeterminate. Do not set this bit. 1- Reserved The value read from this bit is indeterminate. Do not set this bit. 0X2 CPU and peripheral clock bit Clear to select 12 clock periods per machine cycle (STD mode, F OSC=FXTAL/2). Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL). |
Similar Part No. - T83C5101_03 |
|
Similar Description - T83C5101_03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |