Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F48SA28025PKFB Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # F48SA28025PKFB
Description  Delphi Series F48SA, 700W Full Brick Family DC/DC Power Module: 48Vin, 28Vout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

F48SA28025PKFB Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button F48SA28025PKFB Datasheet HTML 5Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 6Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 7Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 8Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 9Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 10Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 11Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 12Page - Delta Electronics, Inc. F48SA28025PKFB Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the
SENSE(+) or SENSE(-). The TRIM pin should be left
open if this feature is not used.
Figure 17: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
Rt_dn
1
2
k
:=
Ex. When Trim-down -10% ( 28V * (1 – 10%) = 25.2V )
1
Rt_dn = --------- - 2 = 8k
10%
Figure 18: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
Rt_up
Vo 1
+
(
)
1.24
1
2
k
:=
Ex. When Trim-up +10% (28.0V * (1+10%) = 30.8V)
28*(1+10%)
1
Rt_up = ------------------- - -------- - 2 = 236.39k
1.24*10%
10%
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.
DS_F48SA28025_06062005
10


Similar Part No. - F48SA28025PKFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F48-023 ETC2-F48-023 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-023 TRIAD-F48-023 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F48-023-C2 TRIAD-F48-023-C2 Datasheet
49Kb / 1P
   CLASS 3 TRANSFORMER
logo
List of Unclassifed Man...
F48-050 ETC2-F48-050 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-050 TRIAD-F48-050 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
More results

Similar Description - F48SA28025PKFB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A28C500B VICOR-V48A28C500B Datasheet
150Kb / 8P
   48Vin / 28Vout / 500Watts DC-DC Converter Module
V48C28C150B VICOR-V48C28C150B Datasheet
145Kb / 8P
   48Vin / 28Vout / 150Watts DC-DC Converter Module
logo
Delta Electronics, Inc.
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com