Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR12006NRFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # E48SR12006NRFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR12006NRFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  E48SR12006NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR12006NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at full rated load current (resistor
load) (2ms/div). Vin=48V. Top Trace: Vout, 5V/div; Bottom
Trace: ON/OFF input, 5V/div
Figure 5: Turn-on transient at zero load current (2ms/div).
Vin=48V.Top Trace: Vout, 5V/div; Bottom Trace: ON/OFF input,
5V/div
For Positive Remote On/Off Logic
Figure 6: Turn-on transient at full rated load current (resistor
load) (2ms/div). Vin=48V.Top Trace: Vout, 5V/div; Bottom
Trace: ON/OFF inpu, 5V/div
Figure 7: Turn-on transient at zero load current (2ms/div).
Vin=48V. Top Trace: Vout, 5V/div; Bottom Trace: ON/OFF input,
5V/div
0
0
0
0
0
0
0
0
DS_E48SR15004_03022007
4


Similar Part No. - E48SR12006NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
951Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
More results

Similar Description - E48SR12006NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR15004NRFA DELTA-E48SR15004NRFA Datasheet
951Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com