Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR3R320NNFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # E48SR3R320NNFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR3R320NNFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  E48SR3R320NNFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR3R320NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at full rated load current (resistive
load) (1 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div; Bottom
Trace: ON/OFF input, 5V/div
Figure 5: Turn-on transient at zero load current (1 ms/div).
Vin=48V. Top Trace: Vout: 1.0V/div, Bottom Trace: ON/OFF
input, 5V/div
For Positive Remote On/Off Logic
Figure 6: Turn-on transient at full rated load current (resistive
load) (1 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div; Bottom
Trace: ON/OFF input, 5V/div
Figure 7: Turn-on transient at zero load current (1 ms/div).
Vin=48V. Top Trace: Vout, 1.0V/div; Bottom Trace: ON/OFF
input, 5V/div
0
0
0
0
0
0
0
0
DS_E48SR3R320_01052007
4


Similar Part No. - E48SR3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR3R320NNFA DELTA-E48SR3R320NNFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
More results

Similar Description - E48SR3R320NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR2R520 DELTA-E48SR2R520 Datasheet
779Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com