Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS463-AA Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TSS463-AA
Description  VAN Data Link Controller with Serial Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463-AA Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TSS463-AA_04 Datasheet HTML 6Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 7Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 8Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 9Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 10Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 11Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 12Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 13Page - ATMEL Corporation TSS463-AA_04 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
TSS463-AA
4205B–AUTO–12/04
The Slave Select signal must not toggle between each transmitted byte and therefore,
should be left at a low level during the whole SCI frame. SS must be asserted to inactive
high level at the end of the SCI frame.
If SS is not asserted, MISO pin is in high impedance state and incoming data is not
driven to the serial data register.
SCI Protocol
Same as the SPI protocol described earlier except for data arranging (LSB first and
MSB last).
Only 8 bits are monitored by the TSS463AA and master must
monitor
the
8
first
bits too (9th bit always equal to 1).
SCI Control Byte
Same as the SPI control byte.
Clocks and Speed
Considerations
SCLK and XTAL Clocks
The SPI/SCI speed rate is given by the CPU producing SCLK. XTAL clock controls the
speed rate on the VAN bus. The two clocks are asynchronous, but a minimum SPI/SCI
interframe spacing must be apply according to XTAL clock.
Intel and Motorola SPI Modes
Within an SPI byte, the maximum speed allowed on the MOSI line is 4 Mbits/s.
For example, when using a 1 MHz oscillator (sufficient to provide 62.5 kTS/s on the VAN
bus) the minimum inter-character delay is 12
µs (12 oscillator periods). Speed consider-
ations are detailed in Figure 7.
Figure 7. SPI Speed Considerations
SCI Mode
Within an SCI 9-bits data, the maximum speed allowed on the MOSI line is 125 Kbits/s.
When using a 1 MHz oscillator, the data transfer speed and the minimum delay time
between SCI bytes are shown on Figure 8.
SS
s at 1 MHz)
(4 s at 1 MHz)
(15 s at 1 MHz)
12 Xtal Min
8 Xtal Min
15 Xtal Min
4 Xtal Min
MOSI
Address
Control
SCLK
4 Mbits/s Max for SCLK
Data
(12 s at 1 MHz)
(8


Similar Part No. - TSS463-AA_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463-AA ATMEL-TSS463-AA_14 Datasheet
1Mb / 60P
   Fully Compliant to VAN Specification ISO/11519-3
More results

Similar Description - TSS463-AA_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
   Serial VAN Data Link Controller
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
   VAN Data Link Controller
logo
TEMIC Semiconductors
TSS463 TEMIC-TSS463 Datasheet
217Kb / 24P
   Van Controller Serial Interface
TSS461 TEMIC-TSS461 Datasheet
215Kb / 24P
   Van Controller Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com