Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SR1R525NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SR1R525NRFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR1R525NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SR1R525NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR1R525NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
High Efficiency: 88% @ 1.2V/25A
Size: 58.4mm x 22.8mm x 8.35mm
(2.30”x0.90”x0.33”)
Industry standard pin out
SMT and through-hole versions
Fixed frequency operation: 350KHz
Input UVLO, Output OCP, OVP, OTP
1500V isolation
Basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada)
Recognized, and TUV (EN60950)
Certified
CE mark meets 73/23/EEC and
93/68/EEC directives
Delphi Series E48SR, 66W Eighth Brick Family
DC/DC Power Modules: 48V in, 1.2V/25A out
The Delphi Series E48SR Eighth Brick, 48V input, single output, isolated
DC/DC converter is the latest offering from a world leader in power
systems technology and manufacturing — Delta Electronics, Inc. This
product family is available in a surface mount or through-hole package
and provides up to 66 watts of power or 25A of output current (1.8V and
below) in an industry standard footprint. With creative design technology
and optimization of component placement, these converters possess
outstanding electrical and thermal performances, as well as extremely
high reliability under highly stressful operating conditions. All models are
fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.
OPTIONS
SMT or through-hole version
Positive On/Off logic
Short pin lengths available
APPLICATIONS
Telecom/Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
DATASHEET
DS_E48SR1R225_02272007


Similar Part No. - E48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
779Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
More results

Similar Description - E48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R825NRFA DELTA-E48SR1R825NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com