Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SB9R625PKFB Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # E48SB9R625PKFB
Description  Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SB9R625PKFB Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button E48SB9R625PKFB Datasheet HTML 3Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 4Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 5Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 6Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 7Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 8Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 9Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 10Page - Delta Electronics, Inc. E48SB9R625PKFB Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules and
affect the stability. A low ac-impedance input source is
recommended. If the source inductance is more than a
few µH, we advise adding a 33 to 220µF electrolytic
capacitor (ESR < 0.5 Ω at 100 kHz) mounted close to the
input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate in
a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB layout
issues, please contact Delta’s technical support team. An
external input filter module is available for easier EMC
compliance design.
Application notes to assist
designers in addressing these issues are pending
release.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower the
reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or drying is especially important for un-encapsulated
and/or open frame type power modules. For assistance on
appropriate soldering and cleaning procedures, please
contact Delta’s technical support team.
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for an
unlimited duration during output overload. If the output
current exceeds the OCP set point, the modules will
automatically shut down, and enter hiccup mode or latch
mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the module
will shut down again. This restart trial will continue until
the overload condition is corrected.
For latch mode, the module will latch off once it shutdown.
The latch is reset by either cycling the input power or by
toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry that
provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down, and enter in auto-restart
mode or latch mode, which is optional.
For auto-restart mode, the module will monitor the
module
temperature
after
shutdown.
Once
the
temperature is within the specification, the module will
be auto-restart.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the module
on during a logic low and off during a logic high. Positive
logic turns the modules on during a logic high and off
during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not used,
please short the on/off pin to Vi(-). For positive logic if the
remote on/off feature is not used, please leave the on/off
pin floating.
R
Load
Vi(-)
Vi(+)
ON/OFF
Vo(-)
Vo(+)
R
Load
Vi(-)
Vi(+)
ON/OFF
Vo(-)
Vo(+)
Vi(-)
Vi(+)
ON/OFF
Vo(-)
Vo(+)
Figure 15: Remote on/off implementation
DS_E48SB9R625_01232007
7


Similar Part No. - E48SB9R625PKFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
E48SC05012NMFA DELTA-E48SC05012NMFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results

Similar Description - E48SB9R625PKFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R825NRFA DELTA-E48SR1R825NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com