Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJL4281DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NJL4281DG
Description  Complementary ThermalTrak Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJL4281DG Datasheet(HTML) 4 Page - ON Semiconductor

  NJL4281DG Datasheet HTML 1Page - ON Semiconductor NJL4281DG Datasheet HTML 2Page - ON Semiconductor NJL4281DG Datasheet HTML 3Page - ON Semiconductor NJL4281DG Datasheet HTML 4Page - ON Semiconductor NJL4281DG Datasheet HTML 5Page - ON Semiconductor NJL4281DG Datasheet HTML 6Page - ON Semiconductor NJL4281DG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJL4281D (NPN) NJL4302D (PNP)
http://onsemi.com
4
10
100
1000
0.01
0.1
1
10
100
TJ = 100°C
TJ = 25°C
Figure 1. DC Current Gain, VCE = 5 V,
NPN NJL4281D
IC, COLLECTOR CURRENT (A)
10
100
1000
0.01
0.1
1
10
100
Figure 2. DC Current Gain, VCE = 5 V,
PNP NJL4302D
IC, COLLECTOR CURRENT (A)
TJ = 100°C
TJ = 25°C
10
100
1000
0.01
0.1
1
10
100
Figure 3. DC Current Gain, VCE = 20 V,
NPN NJL4281D
IC, COLLECTOR CURRENT (A)
TJ = 100°C
TJ = 25°C
10
100
1000
0.01
0.1
1
10
100
Figure 4. DC Current Gain, VCE = 20 V,
PNP NJL4302D
IC, COLLECTOR CURRENT (A)
TJ = 100°C
TJ = 25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
100
Figure 5. Typical Saturation Voltage,
NPN NJL4281D
IC, COLLECTOR CURRENT (A)
TJ = 25°C
Ic/Ib = 10
Vbe(sat)
Vce(sat)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
100
Figure 6. Typical Saturation Voltage,
PNP NJL4302D
IC, COLLECTOR CURRENT (A)
TJ = 25°C
Ic/Ib = 10
Vbe(sat)
Vce(sat)
TYPICAL CHARACTERISTICS


Similar Part No. - NJL4281DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL0281D ONSEMI-NJL0281D Datasheet
67Kb / 6P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL0281DG ONSEMI-NJL0281DG Datasheet
67Kb / 6P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL0302D ONSEMI-NJL0302D Datasheet
67Kb / 6P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL0302DG ONSEMI-NJL0302DG Datasheet
67Kb / 6P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL1302D ONSEMI-NJL1302D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
More results

Similar Description - NJL4281DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL21193DG ONSEMI-NJL21193DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
NJL3281D ONSEMI-NJL3281D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
NJL0281D ONSEMI-NJL0281D Datasheet
67Kb / 6P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL3281D ONSEMI-NJL3281D_06 Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
NSM21356DW6T1G ONSEMI-NSM21356DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com