Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJL3281DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NJL3281DG
Description  Complementary ThermalTrak Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJL3281DG Datasheet(HTML) 2 Page - ON Semiconductor

  NJL3281DG Datasheet HTML 1Page - ON Semiconductor NJL3281DG Datasheet HTML 2Page - ON Semiconductor NJL3281DG Datasheet HTML 3Page - ON Semiconductor NJL3281DG Datasheet HTML 4Page - ON Semiconductor NJL3281DG Datasheet HTML 5Page - ON Semiconductor NJL3281DG Datasheet HTML 6Page - ON Semiconductor NJL3281DG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJL3281D (NPN) NJL1302D (PNP)
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
260
Vdc
Collector−Base Voltage
VCBO
260
Vdc
Emitter−Base Voltage
VEBO
5
Vdc
Collector−Emitter Voltage − 1.5 V
VCEX
260
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
15
25
Adc
Base Current − Continuous
IB
1.5
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25
°C
PD
200
1.43
W
W/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
− 65 to +150
°C
DC Blocking Voltage
VR
200
V
Average Rectified Forward Current
IF(AV)
1.0
A
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.625
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle < 10%.
ATTRIBUTES
Characteristic
Value
ESD Protection
Human Body Model
Machine Model
>8000 V
> 400 V
Flammability Rating
UL 94 V−0 @ 0.125 in


Similar Part No. - NJL3281DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL3281D ONSEMI-NJL3281D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
More results

Similar Description - NJL3281DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL4281D ONSEMI-NJL4281D Datasheet
72Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL21193DG ONSEMI-NJL21193DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
NJL3281D ONSEMI-NJL3281D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
NJL0281D ONSEMI-NJL0281D Datasheet
67Kb / 6P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
NSM21356DW6T1G ONSEMI-NSM21356DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com