Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJL0281DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NJL0281DG
Description  Complementary ThermalTrak Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJL0281DG Datasheet(HTML) 3 Page - ON Semiconductor

  NJL0281DG Datasheet HTML 1Page - ON Semiconductor NJL0281DG Datasheet HTML 2Page - ON Semiconductor NJL0281DG Datasheet HTML 3Page - ON Semiconductor NJL0281DG Datasheet HTML 4Page - ON Semiconductor NJL0281DG Datasheet HTML 5Page - ON Semiconductor NJL0281DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJL0281D (NPN) NJL0302D (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 100 mAdc, IB = 0)
VCEO(sus)
260
Vdc
Collector Cutoff Current
(VCB = 260 Vdc, IE = 0)
ICBO
10
mAdc
Emitter Cutoff Current
(VEB = 5 Vdc, IC = 0)
IEBO
5
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 500 mAdc, VCE = 5 Vdc)
(IC = 1 Adc, VCE = 5 Vdc)
(IC = 3 Adc, VCE = 5 Vdc)
hFE
75
75
75
150
150
150
Collector−Emitter Saturation Voltage
(IC = 5 Adc, IB = 0.5 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter On Voltage
(IC = 5 Adc, VCE = 5 Vdc)
VCE(on)
1.2
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 1 Adc, VCE = 5 Vdc, ftest = 1 MHz)
fT
30
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
400
pF
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 1.0 A, TJ = 25°C)
(iF = 1.0 A, TJ = 150°C)
vF
1.1
0.93
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 150°C)
iR
10
100
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
100
ns
2. Diode Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
200
0
TC, CASE TEMPERATURE (°C)
40
60
100
120
160
80
140
20
Figure 1. Power Derating
0
20
40
60
80
100
140
120
0.01
0.1
1
10
100
1
10
100
1000
1.0 ms
10 ms
5.0 ms
100 ms
DC
VCE, COLLECTOR−EMITTER VOLTAGE (V)
Figure 2. Safe Operating Area
160
180


Similar Part No. - NJL0281DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL1302D ONSEMI-NJL1302D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
NJL1302D ONSEMI-NJL1302D Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL1302DG ONSEMI-NJL1302DG Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL21193DG ONSEMI-NJL21193DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
NJL21194DG ONSEMI-NJL21194DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
More results

Similar Description - NJL0281DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL4281D ONSEMI-NJL4281D Datasheet
72Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
NJL21193DG ONSEMI-NJL21193DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
NJL3281D ONSEMI-NJL3281D Datasheet
103Kb / 8P
   Complementary ThermalTrak Transistors
December, 2004 ??Rev. P1
NJL3281D ONSEMI-NJL3281D_06 Datasheet
75Kb / 7P
   Complementary ThermalTrak Transistors
June, 2006 ??Rev. 2
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
NSM21356DW6T1G ONSEMI-NSM21356DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com