Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T83C5121XXX-S3RIL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T83C5121XXX-S3RIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-S3RIL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T83C5121XXX-S3RIL Datasheet HTML 6Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 7Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 8Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 9Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 10Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 11Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 12Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 13Page - ATMEL Corporation T83C5121XXX-S3RIL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
10
A/T8xC5121
4164G–SCR–07/06
Port Structure
Description
The different ports structures are described as follows.
Quasi Bi-directional Output
Configuration
The default port output configuration for standard I/O ports is the quasi bi-directional out-
put that is common on the 80C51 and most of its derivatives. This output type can be
used as both an input and output without the need to reconfigure the port. This is possi-
ble because when the port outputs a logic high, it is weakly driven, allowing an external
device to pull the pin low. When the port outputs a logic low state, it is driven strongly
and able to sink a fairly large current. These features are somewhat similar to an open
drain output except that there are three pull-up transistors in the quasi bi-directional out-
put that serve different purposes. One of these pull-ups, called the weak pull-up, is
turned on whenever the port latch for the pin contains a logic 1. The weak pull-up
sources a very small current that will pull the pin high if it is left floating. A second pull-
up, called the medium pull-up, is turned on when the port latch for the pin contains a
logic 1 and the pin itself is also at a logic 1 level. This pull-up provides the primary
source current for a quasi bi-directional pin that is outputting a 1. If a pin that has a logic
1 on it is pulled low by an external device, the medium pull-up turns off, and only the
weak pull-up remains on. In order to pull the pin low under these conditions, the external
device has to sink enough current to overpower the medium pull-up and take the voltage
on the port pin below its input threshold.
Figure 5. Quasi Bi-directional Output Configuration
Push-pull Output
Configuration
The Push-pull output configuration has the same pull-down structure as the quasi bi-
directional output modes, but provides a continuous strong pull-up when the port latch
contains a logic 1. The Push-pull mode may be used when more source current is
needed from a port output. The Push-pull port configuration is shown in Figure 5.
2 CPU
Input
Pin
Strong
Weak
Medium
N
P
P
P
CLOCK DELAY
Port latch
Data
Data
PMOS
NMOS


Similar Part No. - T83C5121XXX-S3RIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5121XXX-S3RIL ATMEL-T83C5121XXX-S3RIL Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121XXX-S3RIL ATMEL-T83C5121XXX-S3RIL Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
More results

Similar Description - T83C5121XXX-S3RIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com