Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C5115-SISIM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T89C5115-SISIM
Description  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-SISIM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T89C5115-SISIM Datasheet HTML 2Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 3Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 4Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 5Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 6Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 7Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 8Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 9Page - ATMEL Corporation T89C5115-SISIM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
6
AT89C5115
4128F–8051–05/06
P3.0:7
I/O
Port 3:
Is an 8-bit bi-directional I/O port with internal pull-ups. Port 3 pins that have 1’s written to them are pulled
high by the internal pull-up transistors and can be used as inputs in this state. As inputs, Port 3 pins that
are being pulled low externally will be a source of current (I
IL, See section ’Electrical Characteristic’)
because of the internal pull-ups.
The output latch corresponding to a secondary function must be programmed to one for that function to
operate (except for TxD and WR). The secondary functions are assigned to the pins of port 3 as follows:
P3.0/RxD: Receiver data input (asynchronous) or data input/output (synchronous) of the serial interface
P3.1/TxD: Transmitter data output (asynchronous) or clock output (synchronous) of the serial interface
P3.2/INT0: External interrupt 0 input/timer 0 gate control input
P3.3/INT1: External interrupt 1 input/timer 1 gate control input
P3.4/T0: Timer 0 counter input
P3.5/T1: Timer 1 counter input
P3.6: Regular I/O port pin
P3.7: Regular I/O port pin
P4.0:1
I/O
Port 4:
Is an 2-bit bi-directional I/O port with internal pull-ups. Port 4 pins that have 1’s written to them are pulled
high by the internal pull-ups and can be used as inputs in this state. As inputs, Port 4 pins that are being
pulled low externally will be a source of current (IIL, on the datasheet) because of the internal pull-up
transistor.
P4.0:
P4.1:
It can drive CMOS inputs without external pull-ups.
RESET
I/O
Reset:
A high level on this pin during two machine cycles while the oscillator is running resets the device. An
internal pull-down resistor to VSS permits power-on reset using only an external capacitor to VCC.
XTAL1
I
XTAL1:
Input of the inverting oscillator amplifier and input of the internal clock generator circuits. To drive the
device from an external clock source, XTAL1 should be driven, while XTAL2 is left unconnected. To
operate above a frequency of 16 MHz, a duty cycle of 50% should be maintained.
XTAL2
O
XTAL2:
Output from the inverting oscillator amplifier.
Pin Name
Type
Description


Similar Part No. - T89C5115-SISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Similar Description - T89C5115-SISIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
   Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC12C67X MICROCHIP-PIC12C67X_13 Datasheet
1Mb / 130P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1997-2013 11/29/12
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
logo
Generalplus Technology ...
GPM8F3132A GENERALPLUS-GPM8F3132A Datasheet
2Mb / 114P
   44-Pin 8-bit Microcontroller with 32/16/8KB Flash Memory
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com