Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E24SR3R320NRFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # E24SR3R320NRFA
Description  Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E24SR3R320NRFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E24SR3R320NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E24SR3R320NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
70
73
76
79
82
85
88
91
94
4
8
12
16
20
24Vin
18Vin
36Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical full load input characteristics at room
temperature
2.0
3.0
4.0
5.0
6.0
7.0
8.0
4
8
12
16
20
24Vin
18Vin
36Vi
0.0
1.0
2.0
3.0
4.0
5.0
18
20
22
24
26
28
30
32
34
36
INPUT VOLTAGE (V)
DS_E24SR3R320_02092007
3


Similar Part No. - E24SR3R320NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
More results

Similar Description - E24SR3R320NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR12005 DELTA-E24SR12005 Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR2R520 DELTA-E48SR2R520 Datasheet
779Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com