Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83SND1C Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT83SND1C
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1C Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT83SND1C Datasheet HTML 3Page - ATMEL Corporation AT83SND1C Datasheet HTML 4Page - ATMEL Corporation AT83SND1C Datasheet HTML 5Page - ATMEL Corporation AT83SND1C Datasheet HTML 6Page - ATMEL Corporation AT83SND1C Datasheet HTML 7Page - ATMEL Corporation AT83SND1C Datasheet HTML 8Page - ATMEL Corporation AT83SND1C Datasheet HTML 9Page - ATMEL Corporation AT83SND1C Datasheet HTML 10Page - ATMEL Corporation AT83SND1C Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 212 page
background image
7
4109J–8051–10/06
AT8xC51SND1C
Table 4. Audio Interface Signal Description
Table 5. USB Controller Signal Description
Table 6. MutiMediaCard Interface Signal Description
T0
I
Timer 0 External Clock Input
When timer 0 operates as a counter, a falling edge on the T0 pin
increments the count.
P3.4
T1
I
Timer 1 External Clock Input
When timer 1 operates as a counter, a falling edge on the T1 pin
increments the count.
P3.5
Signal
Name
Type
Description
Alternate
Function
DCLK
O
DAC Data Bit Clock
-
DOUT
O
DAC Audio Data
-
DSEL
O
DAC Channel Select Signal
DSEL is the sample rate clock output.
-
SCLK
O
DAC System Clock
SCLK is the oversampling clock synchronized to the digital audio data
(DOUT) and the channel selection signal (DSEL).
-
Signal
Name
Type
Description
Alternate
Function
D+
I/O
USB Positive Data Upstream Port
This pin requires an external 1.5 K
Ω pull-up to V
DD for full speed
operation.
-
D-
I/O
USB Negative Data Upstream Port
-
Signal
Name
Type
Description
Alternate
Function
MCLK
O
MMC Clock output
Data or command clock transfer.
-
MCMD
I/O
MMC Command line
Bidirectional command channel used for card initialization and data
transfer commands. To avoid any parasitic current consumption,
unused MCMD input must be polarized to VDD or VSS.
-
MDAT
I/O
MMC Data line
Bidirectional data channel. To avoid any parasitic current consumption,
unused MDAT input must be polarized to VDD or VSS.
-
Signal
Name
Type
Description
Alternate
Function


Similar Part No. - AT83SND1C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1CXXX-DDV ATMEL-AT83SND1CXXX-DDV Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C_14 Datasheet
462Kb / 42P
   MPEG I/II-Layer 3 Hardwired Decoder
More results

Similar Description - AT83SND1C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
   Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
   MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com