Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8502PDW100R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8502PDW100R2G
Description  Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502PDW100R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8502PDW100R2G Datasheet HTML 1Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 2Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 3Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 4Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 5Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 6Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 7Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 8Page - ON Semiconductor NCV8502PDW100R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCV8502 Series
http://onsemi.com
3
MAXIMUM RATINGS* (continued)
Rating
Value
Unit
Input Voltage Range (MON, VADJ, RADJ)
−0.3 to 10
V
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature, TJ
−40 to +150
°C
Storage Temperature, TS
−55 to 150
°C
Package Thermal Resistance, SO−8:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
45
165
°C/W
°C/W
Package Thermal Resistance, SOW−16 E PAD:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
Junction−to−Pin, RqJP (Note 1)
15
56
35
°C/W
°C/W
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 2)
240 peak
(Note 3)
°C
1. Measured to pin 16.
2. 60 second maximum above 183°C.
3. −5°C / +0°C allowable conditions.
*During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, −40°C ≤ TJ ≤ 150°C; VIN = dependent on voltage option (Note 4); unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage for 2.5 V Option
6.5 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
5.5 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
2.450
2.425
2.5
2.5
2.550
2.575
V
V
Output Voltage for 3.3 V Option
7.3 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
5.5 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
3.234
3.201
3.3
3.3
3.366
3.399
V
V
Output Voltage for 5.0 V Option
9.0 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
6.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
4.90
4.85
5.0
5.0
5.10
5.15
V
V
Output Voltage for 8.0 V Option
9.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
7.76
8.0
8.24
V
Output Voltage for 10 V Option
11 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
9.7
10
10.3
V
V
Output Voltage for Adjustable
Option
VOUT = VADJ (Unity Gain)
6.5 V < VIN < 16 V, 100 mA < IOUT < 150 mA
5.5 V < VIN < 26 V, 100 mA < IOUT < 150 mA
1.254
1.242
1.280
1.280
1.306
1.318
V
V
Dropout Voltage (VIN − VOUT)
(5.0 V, 8.0 V, 10 V and
Adj. > 5.0 V Options Only)
IOUT = 150 mA
IOUT = 1.0 mA
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 5.0 mA ≤ IOUT ≤ 150 mA
−30
5.0
30
mV
Line Regulation
[VOUT(Typ) + 1.0] < VIN < 26 V, IOUT = 1.0 mA
15
60
mV
Quiescent Current, Low Load
2.5 V Option
3.3 V Option
5.0 V Option
8.0 V Option
10 V Option
Adjustable Option
IOUT = 100 mA, VIN = 12 V, MON = VOUT
90
90
90
100
100
50
125
125
125
150
150
75
mA
mA
mA
mA
mA
mA
Quiescent Current, Medium Load
All Options
IOUT = 75 mA, VIN = 14 V, MON = VOUT
4.0
6.0
mA
Quiescent Current, High Load
All Options
IOUT = 150 mA, VIN = 14 V, MON = VOUT
12
19
mA
Current Limit
151
300
mA
4. Voltage range specified in Output Stage of the Electrical Characteristics in boldface type.


Similar Part No. - NCV8502PDW100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502PDW100R2G ONSEMI-NCV8502PDW100R2G Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
More results

Similar Description - NCV8502PDW100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com