Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8501PDW100R2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8501PDW100R2
Description  Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8501PDW100R2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8501PDW100R2 Datasheet HTML 1Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 2Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 3Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 4Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 5Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 6Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 7Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 8Page - ON Semiconductor NCV8501PDW100R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV8501 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, ENABLE = 5.0 V, −40°C ≤ TJ ≤ 150°C; VIN dependent on voltage option
(Note 4); unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage for 2.5 V Option
6.5 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
5.5 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
2.450
2.425
2.5
2.5
2.550
2.575
V
V
Output Voltage for 3.3 V Option
7.3 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
5.5 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
3.234
3.201
3.3
3.3
3.366
3.399
V
V
Output Voltage for 5.0 V Option
9.0 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
6.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
4.90
4.85
5.0
5.0
5.10
5.15
V
V
Output Voltage for 8.0 V Option
9.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
7.76
8.0
8.24
V
Output Voltage for 10 V Option
11 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
9.7
10
10.3
V
Output Voltage for Adjustable Option
VOUT = VADJ (Unity Gain)
6.5 V < VIN < 16 V, 100 mA < IOUT < 150 mA
5.5 V < VIN < 26 V, 100 mA < IOUT < 150 mA
1.254
1.242
1.280
1.280
1.306
1.318
V
V
Dropout Voltage (VIN − VOUT)
(5.0 V, 8.0 V, 10 V, and
Adj. > 5.0 V Options Only)
IOUT = 150 mA
IOUT = 1.0 mA
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 5.0 mA ≤ IOUT ≤ 150 mA
−30
5.0
30
mV
Line Regulation
[VOUT(Typ) + 1.0] < VIN < 26 V, IOUT = 1.0 mA
15
60
mV
Quiescent Current, Low Load
2.5 V Option
3.3 V Option
5.0 V Option
8.0 V Option
10 V Option
Adjustable Option
IOUT = 100 mA, VIN = 12 V, MON = VOUT
90
90
90
100
100
50
125
125
125
150
150
75
mA
mA
mA
mA
mA
mA
Quiescent Current, Medium Load
All Options
IOUT = 75 mA, VIN = 14 V, MON = VOUT
4.0
6.0
mA
Quiescent Current, High Load
All Options
IOUT = 150 mA, VIN = 14 V, MON = VOUT
12
19
mA
Quiescent Current, (IQ)
Sleep Mode
ENABLE = 0 V, VIN = 12 V
12
30
mA
Current Limit
151
300
mA
Short Circuit Output Current
VOUT = 0 V
40
190
mA
Thermal Shutdown
(Guaranteed by Design)
150
180
°C
Reset Function (RESET)
RESET Threshold for 2.5 V Option
HIGH (VRH)
LOW (VRL)
5.5 V ≤ VIN ≤ 26 V (Note 5)
VOUT Increasing
VOUT Decreasing
2.28
2.25
2.350
2.300
0.98 × VOUT
0.97 × VOUT
V
V
RESET Threshold for 3.3 V Option
HIGH (VRH)
LOW (VRL)
5.5 V ≤ VIN ≤ 26 V (Note 5)
VOUT Increasing
VOUT Decreasing
3.00
2.97
3.102
3.036
0.98 × VOUT
0.97 × VOUT
V
V
RESET Threshold for 5.0 V Option
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
4.55
4.50
4.70
4.60
0.98 × VOUT
0.97 × VOUT
V
V
RESET Threshold for 8.0 V Option
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
7.05
7.00
7.52
7.36
0.98 × VOUT
0.97 × VOUT
V
V
4. Voltage range specified in the Output Stage of the Electrical Characteristics in boldface type.
5. For VIN ≤ 5.5 V, a RESET = Low may occur with the output in regulation.


Similar Part No. - NCV8501PDW100R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501PDW100R2 ONSEMI-NCV8501PDW100R2 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501PDW100R2G ONSEMI-NCV8501PDW100R2G Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
More results

Similar Description - NCV8501PDW100R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com