Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RB2 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T89C51RB2
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2 Datasheet(HTML) 5 Page - ATMEL Corporation

  T89C51RB2_06 Datasheet HTML 1Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 2Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 3Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 4Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 5Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 6Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 7Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 8Page - ATMEL Corporation T89C51RB2_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 117 page
background image
5
T89C51RB2/RC2
4105D–8051–10/06
Pin Configurations
Figure 2. Pin Configurations
P1.7CEX4/MOSI
P1.4/CEX1
RST
P3.0/RxD
P3.1/TxD
P1.3CEX0
1
P1.5/CEX2/MISO
P1.6/CEX3/SCK
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA
P2.7/A15
P2.5/A13
P2.6/A14
P1.0/T2
P1.2/ECI
P1.1/T2EX/SS
VCC
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
PDIL40
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
43 42 41 40 39
44
38 37 36 35 34
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
P1.5/CEX2/MISO
P1.6/CEX3/SCK
P1.7/CEX4/MOSI
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
12 13
17
16
15
14
20
19
18
21 22
33
32
31
30
29
28
27
26
25
24
23
VQFP44 1.4
1
2
3
4
5
6
7
8
9
10
11
18 19
23
22
21
20
26
25
24
27 28
5
4
3
2
1
6
44 43 42 41 40
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
P1.5/CEX2/MISO
P1.6/CEX3/SCK
P1.7/CEx4/MOSI
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
PLCC44
*NIC: No Internal Connection


Similar Part No. - T89C51RB2_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RB2-3CBCL ATMEL-T89C51RB2-3CBCL Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CBCM ATMEL-T89C51RB2-3CBCM Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CBIL ATMEL-T89C51RB2-3CBIL Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CBIM ATMEL-T89C51RB2-3CBIM Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CSCL ATMEL-T89C51RB2-3CSCL Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
More results

Similar Description - T89C51RB2_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2_0312 ATMEL-AT89C51RC2_0312 Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com