Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8501D100R2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8501D100R2
Description  Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8501D100R2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8501D100R2 Datasheet HTML 3Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 4Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 5Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 6Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 7Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 8Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 9Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 10Page - ON Semiconductor NCV8501D100R2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCV8501 Series
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
−40
4.98
Temperature (°C)
4.99
5.00
5.01
−25 −10
125
5
20
355065
8095 110
VOUT = 5.0 V
VIN = 14 V
IOUT = 5.0 mA
Figure 2. Output Voltage vs. Temperature
−40
3.27
Temperature (°C)
3.32
3.33
3.35
−25 −10
125
5
2035
5065
8095 110
3.34
3.29
3.30
3.31
3.28
VOUT = 3.3 V
VIN = 14 V
IOUT = 5.0 mA
Figure 3. Output Voltage vs. Temperature
Figure 4. Quiescent Current vs. Output Current
Figure 5. Quiescent Current vs. Output Current
+25°C
−40°C
0
0
IOUT (mA)
0.2
0.4
0.6
0.8
1.0
1.2
5
1015
2025
+125°C
VIN = 12 V
0
0
IOUT (mA)
2
4
6
8
10
12
14
15
30
45
60
140
75
90 105 120 135
+25°C
−40°C
+125°C
VIN = 12 V
6
0
VIN (V)
1
2
3
4
5
6
7
8
101214
26
16
18
20
22
24
IOUT = 10 mA
IOUT = 50 mA
IOUT = 100 mA
T = 25°C
Figure 6. Quiescent Current vs. Input Voltage
Figure 7. Quiescent Current vs. Input Voltage
IOUT = 100 mA
6
0
VIN (V)
20
49
60
80
100
120
810
12
14
26
16
18
20
22
24
T = 25°C


Similar Part No. - NCV8501D100R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501D100R2 ONSEMI-NCV8501D100R2 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501D100R2G ONSEMI-NCV8501D100R2G Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501D100R2G ONSEMI-NCV8501D100R2G Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
More results

Similar Description - NCV8501D100R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com