Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIF9N05CLT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NIF9N05CLT3
Description  Protected Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF9N05CLT3 Datasheet(HTML) 2 Page - ON Semiconductor

  NIF9N05CLT3 Datasheet HTML 1Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 2Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 3Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 4Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 5Page - ON Semiconductor NIF9N05CLT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NIF9N05CL
http://onsemi.com
2
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 V, ID = 1.0 mA, TJ = 25°C)
(VGS = 0 V, ID = 1.0 mA, TJ = −40°C to 125°C)
Temperature Coefficient (Negative)
V(BR)DSS
52
50.8
55
54
−9.3
59
59.5
V
V
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 40 V, VGS = 0 V)
(VDS = 40 V, VGS = 0 V, TJ = 125°C)
IDSS
10
25
mA
Gate−Body Leakage Current
(VGS = ±8 V, VDS = 0 V)
(VGS = ±14 V, VDS = 0 V)
IGSS
±22
±10
mA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 100 mA)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.3
1.75
−4.1
2.5
V
mV/
°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 3.5 V, ID = 0.6 A)
(VGS = 4.0 V, ID = 1.5 A)
(VGS = 10 V, ID = 2.6 A)
RDS(on)
190
165
107
380
200
125
mW
Forward Transconductance (Note 3) (VDS = 15 V, ID = 2.6 A)
gFS
3.8
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
VDS = 35 V, VGS = 0 V,
f = 10 kHz
Ciss
155
250
pF
Output Capacitance
Coss
60
100
Transfer Capacitance
Crss
25
40
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 10 kHz
Ciss
170
pF
Output Capacitance
Coss
70
Transfer Capacitance
Crss
30
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NIF9N05CLT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIF9N05CLT3 ONSEMI-NIF9N05CLT3 Datasheet
66Kb / 6P
   PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
More results

Similar Description - NIF9N05CLT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440CWP ONSEMI-NCV8440CWP Datasheet
62Kb / 2P
   Protected Power MOSFET
November, 2011 ??Rev. 2
NIC9N05TS1 ONSEMI-NIC9N05TS1 Datasheet
121Kb / 4P
   Protected Power MOSFET
September, 2008 ??Rev. 0
NCV8440 ONSEMI-NCV8440_16 Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
NIF9N05CL ONSEMI-NIF9N05CL Datasheet
66Kb / 6P
   PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIC9N05TS1 ONSEMI-NIC9N05TS1_V01 Datasheet
88Kb / 3P
   Protected Power MOSFET
November, 2011 - Rev. 1
logo
International Rectifier
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com