Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021D-SU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT45DB021D-SU
Description  2-megabit 2.7-volt DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT45DB021D-SU Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 9Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 10Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 11Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 12Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 13Page - ATMEL Corporation AT45DB021D-SU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
7.7
Chip Erase
The entire main memory can be erased at one time by using the Chip Erase command.
To execute the Chip Erase command, a 4-byte command sequence C7H, 94H, 80H and 9AH
must be clocked into the device. Since the entire memory array is to be erased, no address
bytes need to be clocked into the device, and any data clocked in after the opcode will be
ignored. After the last bit of the opcode sequence has been clocked in, the CS pin can be deas-
serted to start the erase process. The erase operation is internally self-timed and should take
place in a time of t
CE. During this time, the Status Register will indicate that the device is busy.
The Chip Erase command will not affect sectors that are protected or locked down; the contents
of those sectors will remain unchanged. Only those sectors that are not protected or locked
down will be erased.
The WP pin can be asserted while the device is erasing, but protection will not be activated until
the internal erase cycle completes.
Figure 7-1.
Chip Erase
Table 7-2.
Sector Erase Addressing
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Sector
0000000
X
X
X
0a
0000001
X
X
X
0b
0
1
1
XXXXX
XX
5
1
0
0
XXXXX
XX
6
1
1
1
XXXXX
XX
7
Command
Byte 1
Byte 2
Byte 3
Byte 4
Chip Erase
C7H
94H
80H
9AH
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB021D-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D-SH-B ATMEL-AT45DB021D-SH-B Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D-SH-B ATMEL-AT45DB021D-SH-B Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB021D-SH-B ETC2-AT45DB021D-SH-B Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D-SH-SL954 ATMEL-AT45DB021D-SH-SL954 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D-SH-SL954 ATMEL-AT45DB021D-SH-SL954 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB021D-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com