Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5532NG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NE5532NG
Description  Internally Compensated Dual Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5532NG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NE5532NG Datasheet HTML 2Page - ON Semiconductor NE5532NG Datasheet HTML 3Page - ON Semiconductor NE5532NG Datasheet HTML 4Page - ON Semiconductor NE5532NG Datasheet HTML 5Page - ON Semiconductor NE5532NG Datasheet HTML 6Page - ON Semiconductor NE5532NG Datasheet HTML 7Page - ON Semiconductor NE5532NG Datasheet HTML 8Page - ON Semiconductor NE5532NG Datasheet HTML 9Page - ON Semiconductor NE5532NG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
6
Closed-Loop Frequency Response
Voltage-Follower
+
5532 (1/2)
100 pF
RS
VI
RE
RF
800 W
25 W
+
5532
VIN
VOUT
100 pF
600 W
V+
V−
1 kW
Figure 10. Test Circuits
MARKING DIAGRAMS
SOIC−8
D SUFFIX
CASE 751
PDIP−8
N SUFFIX
CASE 626
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Packagee
NE5532AN
AWL
YYWWG
NE5532N
AWL
YYWWG
SA5532N
AWL
YYWWG
SE5532N
AWL
YYWWG
SOIC−16 WB
D SUFFIX
CASE 751G
16
1
NE5532D
AWLYYWWG
S5532
ALYWA
G
1
8
N5532
ALYW
G
1
8
N5532
ALYWA
G
1
8


Similar Part No. - NE5532NG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532N PHILIPS-NE5532N Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
logo
Fairchild Semiconductor
NE5532N FAIRCHILD-NE5532N Datasheet
79Kb / 6P
   Dual Operational Amplifier
More results

Similar Description - NE5532NG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
5532 PHILIPS-5532 Datasheet
308Kb / 4P
   Internally Compensated dual low noise Operational amplifier
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
   INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
MC1471 ONSEMI-MC1471 Datasheet
84Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 ??Rev. 6
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com