Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8502PDW50R2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8502PDW50R2
Description  Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502PDW50R2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8502PDW50R2 Datasheet HTML 3Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 4Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 5Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 6Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 7Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 8Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 9Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 10Page - ON Semiconductor NCV8502PDW50R2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCV8502 Series
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
+25°C
−40°C
+125°C
0
0
IOUT (mA)
150
200
250
300
350
400
450
25
50
75
100
150
50
100
125
Figure 8. Dropout Voltage vs. Output Current
VOUT = 5.0 V, 8.0 V, or 10 V
0.01
0.1
1.0
10
100
1000
0
10
2030
4050
607080
90
100
OUTPUT CURRENT (mA)
CVOUT = 10 mF
10 V
8 V
5 V
3.3 V
2.5 V
Figure 9. Output Stability with Output
Voltage Change
Unstable Region
Stable Region
Figure 10. Output Stability with Output
Capacitor Change
0.01
0.1
1.0
10
100
1000
0
10
20
30
50607080
90 100 110
OUTPUT CURRENT (mA)
CVout = 10 mF
CVout = 0.1 mF
Unstable Region
Stable Region
40


Similar Part No. - NCV8502PDW50R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502PDW50R2 ONSEMI-NCV8502PDW50R2 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502PDW50R2G ONSEMI-NCV8502PDW50R2G Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
More results

Similar Description - NCV8502PDW50R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com