Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5532DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NE5532DR2
Description  Internally Compensated Dual Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5532DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  NE5532DR2 Datasheet HTML 1Page - ON Semiconductor NE5532DR2 Datasheet HTML 2Page - ON Semiconductor NE5532DR2 Datasheet HTML 3Page - ON Semiconductor NE5532DR2 Datasheet HTML 4Page - ON Semiconductor NE5532DR2 Datasheet HTML 5Page - ON Semiconductor NE5532DR2 Datasheet HTML 6Page - ON Semiconductor NE5532DR2 Datasheet HTML 7Page - ON Semiconductor NE5532DR2 Datasheet HTML 8Page - ON Semiconductor NE5532DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
2
Figure 1. Equivalent Schematic (Each Amplifier)
+
_
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VS
"22
V
Input Voltage
VIN
"VSUPPLY
V
Differential Input Voltage (Note 1)
VDIFF
"0.5
V
Operating Temperature Range
NE5532/A
SA5532
SE5532/A
Tamb
0 to 70
−40 to +85
−55 to +125
°C
Storage Temperature
Tstg
−65 to +150
°C
Junction Temperature
Tj
150
°C
Maximum Power Dissipation, Tamb = 25°C (Still-Air)
8 D8 Package
8 N Package
16 D Packagee
PD
780
1200
1200
mW
Thermal Resistance, Junction−to−Ambient
8 D8 Package
8 N Package
16 D Packagee
RqJA
182
130
140
°C/W
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Diodes protect the inputs against overvoltage. Therefore, unless current-limiting resistors are used, large currents will flow if the differential input
voltage exceeds 0.6 V. Maximum current should be limited to "10 mA.


Similar Part No. - NE5532DR2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5532DR TI-NE5532DR Datasheet
69Kb / 10P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532DR TI-NE5532DR Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532DR TI-NE5532DR Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532DR TI1-NE5532DR Datasheet
966Kb / 23P
[Old version datasheet]   Dual Low-Noise Operational Amplifiers
NE5532DRE4 TI-NE5532DRE4 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - NE5532DR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
5532 PHILIPS-5532 Datasheet
308Kb / 4P
   Internally Compensated dual low noise Operational amplifier
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
   INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
MC1471 ONSEMI-MC1471 Datasheet
84Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 ??Rev. 6
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com