Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGD18N40CLB Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGD18N40CLB
Description  Ignition IGBT 18 Amps, 400 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD18N40CLB Datasheet(HTML) 5 Page - ON Semiconductor

  NGD18N40CLB Datasheet HTML 1Page - ON Semiconductor NGD18N40CLB Datasheet HTML 2Page - ON Semiconductor NGD18N40CLB Datasheet HTML 3Page - ON Semiconductor NGD18N40CLB Datasheet HTML 4Page - ON Semiconductor NGD18N40CLB Datasheet HTML 5Page - ON Semiconductor NGD18N40CLB Datasheet HTML 6Page - ON Semiconductor NGD18N40CLB Datasheet HTML 7Page - ON Semiconductor NGD18N40CLB Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NGD18N40CLB
http://onsemi.com
5
VTH − 4 σ
TEMPERATURE (°C)
−50
50
70
10
−10
90
−30
130 150
VTH + 4 σ
VTH
GATE TO EMITTER VOLTAGE (VOLTS)
1.2
0.2
0
2
0.6
1
1.6
10000
1000
100
10
0
6
4
0
8
10
12
Figure 7. Collector−to−Emitter Voltage versus
Gate−to−Emitter Voltage
Figure 8. Capacitance Variation
Figure 9. Gate Threshold Voltage versus
Temperature
Figure 10. Minimum Open Secondary Latch
Current versus Temperature
TEMPERATURE (°C)
Figure 11. Typical Open Secondary Latch
Current versus Temperature
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
Figure 12. Inductive Switching Fall Time
versus Temperature
TEMPERATURE (°C)
0
120
60
40
20
140
180
−50
50
75
25
0
100
−25
125
10
20
5
15
0
25
30
TJ = 150°C
175
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 6 mH
200
80 100
160
−50
50
70
30
−10
90
−30
130 150
tf
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
IC = 10 A
L = 300 μH
Crss
Ciss
Coss
2.5
36
7
58
49
1
0.5
2
0
3
1.5
10
IC = 15 A
IC = 10 A
IC = 5 A
1
30
110
0.4
0.8
1.4
1.8
150
L = 3 mH
L = 1.8 mH
TEMPERATURE (°C)
−50
50
75
25
0
100
−25
125
10
20
5
15
0
25
30
175
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 6 mH
150
L = 3 mH
L = 1.8 mH
2
10
110
td(off)


Similar Part No. - NGD18N40CLB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD18N40CLB ONSEMI-NGD18N40CLB Datasheet
70Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
November, 2003 ??Rev. 5
NGD18N40CLBT4 ONSEMI-NGD18N40CLBT4 Datasheet
70Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
November, 2003 ??Rev. 5
NGD18N40CLBT4G ONSEMI-NGD18N40CLBT4G Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
More results

Similar Description - NGD18N40CLB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8204N ONSEMI-NGB8204N_11 Datasheet
127Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGB8204N ONSEMI-NGB8204N Datasheet
150Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
August, 2006 ??Rev. 3
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4_06 Datasheet
87Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 3
NGB18N40CLB ONSEMI-NGB18N40CLB Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGD18N40CLBT4 ONSEMI-NGD18N40CLBT4 Datasheet
70Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
November, 2003 ??Rev. 5
NGD18N45CLB ONSEMI-NGD18N45CLB Datasheet
105Kb / 8P
   Ignition IGBT 18 Amps, 450 Volts N−Channel DPAK
June, 2016 - Rev. 1
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
logo
Littelfuse
LGB8204ATH LITTELFUSE-LGB8204ATH Datasheet
472Kb / 10P
   400 V, 18 A N-Channel Ignition IGBT
3/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com