Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5532A Datasheet(PDF) 4 Page - ON Semiconductor

Part # SE5532A
Description  Internally Compensated Dual Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SE5532A Datasheet(HTML) 4 Page - ON Semiconductor

  SE5532A Datasheet HTML 1Page - ON Semiconductor SE5532A Datasheet HTML 2Page - ON Semiconductor SE5532A Datasheet HTML 3Page - ON Semiconductor SE5532A Datasheet HTML 4Page - ON Semiconductor SE5532A Datasheet HTML 5Page - ON Semiconductor SE5532A Datasheet HTML 6Page - ON Semiconductor SE5532A Datasheet HTML 7Page - ON Semiconductor SE5532A Datasheet HTML 8Page - ON Semiconductor SE5532A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SE5532/A, SA5532
Unit
Min
Typ
Max
Output Resistance
ROUT
AV = 30 dB Closed-loop
f = 10 kHz, RL = 600 W
0.3
W
Overshoot
Voltage-Follower
%
VIN = 100 mVP-P
10
CL = 100 pF; RL = 600 W
Gain
AV
f = 10 kHz
2.2
V/mV
Gain Bandwidth Product
GBW
CL = 100 pF; RL = 600 W
10
MHz
Slew Rate
SR
9.0
V/ms
Power Bandwidth
VOUT = "10 V
140
kHz
VOUT = "14 V;
RL = 600 W
100
VCC = "18 V
ELECTRICAL CHARACTERISTICS (Tamb = 25°C; VS = "15 V, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NE/SE5532
NE/SA/SE5532A
Unit
Min
Typ
Max
Min
Typ
Max
Input Noise Voltage
VNOISE
fO = 30 Hz
8.0
8.0
12
nV/√Hz
fO = 1.0 kHz
5.0
5.0
6.0
Input Noise Current
INOISE
fO = 30 Hz
2.7
2.7
pA/√Hz
fO = 1.0 kHz
0.7
0.7
Channel Separation
f = 1.0 kHz; RS = 5.0 kW
110
110
dB


Similar Part No. - SE5532A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5532A PHILIPS-SE5532A Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
SE5532AD8 PHILIPS-SE5532AD8 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
SE5532AF PHILIPS-SE5532AF Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
More results

Similar Description - SE5532A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
5532 PHILIPS-5532 Datasheet
308Kb / 4P
   Internally Compensated dual low noise Operational amplifier
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
   INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
MC1471 ONSEMI-MC1471 Datasheet
84Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 ??Rev. 6
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com