Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT26F004-MU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT26F004-MU
Description  4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26F004-MU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT26F004-MU Datasheet HTML 7Page - ATMEL Corporation AT26F004-MU Datasheet HTML 8Page - ATMEL Corporation AT26F004-MU Datasheet HTML 9Page - ATMEL Corporation AT26F004-MU Datasheet HTML 10Page - ATMEL Corporation AT26F004-MU Datasheet HTML 11Page - ATMEL Corporation AT26F004-MU Datasheet HTML 12Page - ATMEL Corporation AT26F004-MU Datasheet HTML 13Page - ATMEL Corporation AT26F004-MU Datasheet HTML 14Page - ATMEL Corporation AT26F004-MU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
3588C–DFLASH–04/06
AT26F004
8.3
Block Erase
A block of 4 Kbytes, 32 Kbytes, or 64 Kbytes can be erased (all bits set to the logical “1” state) in
a single operation by using one of three different opcodes for the Block Erase command. An
opcode of 20h is used for a 4-Kbyte erase, an opcode of 52h is used for a 32-Kbyte erase, and
an opcode of D8h is used for a 64-Kbyte erase. Before a Block Erase command can be started,
the Write Enable command must have been previously issued to the device to set the WEL bit of
the Status Register to a logical “1” state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h,
52h or D8h) must be clocked into the device. After the opcode has been clocked in, the three
address bytes specifying an address within the 4-Kbyte, 32-Kbyte, or 64-Kbyte block to be
erased must be clocked in. Any additional data clocked into the device will be ignored. When the
CS pin is deasserted, the device will erase the appropriate block. The erasing of the block is
internally self-timed and should take place in a time of t
BLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not
need to be decoded by the device. Therefore, for a 4-Kbyte erase, address bits A11 - A0 will be
ignored by the device and their values can be either a logical “1” or “0”. For a 32-Kbyte erase,
address bits A14 - A0 will be ignored, and for a 64-Kbyte erase, address bits A15 - A0 will be
ignored by the device. Despite the lower order address bits not being decoded by the device, the
complete three address bytes must still be clocked into the device before the CS pin is deas-
serted; otherwise, the device will abort the operation and no erase operation will be performed.
If the address specified by A23 - A0 points to a memory location within a sector that is in the pro-
tected state, then the Block Erase command will not be executed, and the device will return to
the idle state once the CS pin has been deasserted. In addition, with the larger Block Erase
sizes of 32 Kbytes and 64 Kbytes, more than one physical sector may be erased (e.g. sectors
10, 9 and 8) at one time. Therefore, in order to erase a larger block that may span more than one
sector, all of the sectors in the span must be in the unprotected state. If one of the physical sec-
tors within the span is in the protected state, then the device will ignore the Block Erase
command and will return to the idle state once the CS pin is deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle
aborts due to an incomplete address being sent or because a memory location within the region
to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and will
indicate that the device is busy. For faster throughput, it is recommended that the Status Regis-
ter be polled rather than waiting the t
BLKE time to determine if the device has finished erasing. At
some point before the erase cycle completes, the WEL bit in the Status Register will be reset
back to the logical “0” state.
Figure 8-4.
Block Erase
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE


Similar Part No. - AT26F004-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004-MU ATMEL-AT26F004-MU Datasheet
605Kb / 37P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004-MU ATMEL-AT26F004-MU Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results

Similar Description - AT26F004-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004 Datasheet
605Kb / 37P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF041A ATMEL-AT25DF041A_07 Datasheet
736Kb / 41P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_08 Datasheet
607Kb / 34P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com