Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV33163PG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV33163PG
Description  2.5 A, Step?뭊p/Down/Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33163PG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV33163PG Datasheet HTML 5Page - ON Semiconductor NCV33163PG Datasheet HTML 6Page - ON Semiconductor NCV33163PG Datasheet HTML 7Page - ON Semiconductor NCV33163PG Datasheet HTML 8Page - ON Semiconductor NCV33163PG Datasheet HTML 9Page - ON Semiconductor NCV33163PG Datasheet HTML 10Page - ON Semiconductor NCV33163PG Datasheet HTML 11Page - ON Semiconductor NCV33163PG Datasheet HTML 12Page - ON Semiconductor NCV33163PG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCV33163
http://onsemi.com
9
The switch current is converted to a voltage by inserting
a fractional ohm resistor, RSC, in series with VCC and output
switch transistor Q2. The voltage drop across RSC is
monitored by the Current Sense comparator. If the voltage
drop exceeds 250 mV with respect to VCC, the comparator
will set the latch and terminate output switch conduction on
a
cycle−by−cycle
basis.
This
Comparator/Latch
configuration ensures that the Output Switch has only a
single on−time during a given oscillator cycle. The
calculation for a value of RSC is:
RSC +
0.25 V
Ipk (Switch)
Figures 12 and 13 show that the Current Sense comparator
threshold is tightly controlled over temperature and has a
typical input bias current of 1.0
mA. The propagation delay
from the comparator input to the Output Switch is typically
200 ns. The parasitic inductance associated with RSC and the
circuit layout should be minimized. This will prevent
unwanted voltage spikes that may falsely trip the Current
Limit comparator.
Internal thermal shutdown circuitry is provided to protect
the IC in the event that the maximum junction temperature
is exceeded. When activated, typically at 170
°C, the Latch
is forced into the “Set” state, disabling the Output Switch.
This feature is provided to prevent catastrophic failures from
accidental device overheating. It is not intended to be used
as a replacement for proper heatsinking.
Driver and Output Switch
To aid in system design flexibility and conversion
efficiency, the driver current source and collector, and
output switch collector and emitter are pinned out
separately. This allows the designer the option of driving the
output switch into saturation with a selected force gain or
driving it near saturation when connected as a Darlington.
The output switch is designed to switch a maximum of 60 V
collector to emitter, with up to 2.5 A peak collector current.
The minimum value for RSC is:
RSC(min) +
0.25 V
2.5 A
+ 0.100 W
When configured for step−down or voltage−inverting
applications, as in Figures 21 and 25, the inductor will
forward bias the output rectifier when the switch turns off.
Rectifiers with a high forward voltage drop or long turn−on
delay time should not be used. If the emitter is allowed to go
sufficiently negative, collector current will flow, causing
additional
device
heating
and
reduced
conversion
efficiency.
Figure 10 shows that by clamping the emitter to 0.5 V, the
collector current will be in the range 10
mA over
temperature. A 1N5822 or equivalent Schottky barrier
rectifier is recommended to fulfill these requirements.
A bootstrap input is provided to reduce the output switch
saturation voltage in step−down and voltage−inverting
converter applications. This input is connected through a
series resistor and capacitor to the switch emitter and is used
to raise the internal 2.0 mA bias current source above VCC.
An internal zener limits the bootstrap input voltage to VCC
+7.0 V. The capacitor’s equivalent series resistance must
limit the zener current to less than 100 mA. An additional
series resistor may be required when using tantalum or other
low ESR capacitors. The equation below is used to calculate
a minimum value bootstrap capacitor based on a minimum
zener voltage and an upper limit current source.
CB(min) + I D
t
DV +
4.0 mA
ton
4.0 V
+ 0.001 ton
Parametric operation of the NCV33163 is guaranteed
over a supply voltage range of 2.5 V to 60 V. When operating
below 3.0 V, the Bootstrap Input should be connected to
VCC. Figure 16 shows that functional operation down to
1.7 V at room temperature is possible.
Package
The NCV33163 is contained in a heat−sinkable 16−lead
plastic dual−in−line package in which the die is mounted on
a special heat tab copper alloy lead frame. This tab consists
of the four center ground pins that are specifically designed
to improve thermal conduction from the die to the circuit
board. Figures 17 and 18 show a simple and effective
method of utilizing the printed circuit board medium as a
heat dissipater by soldering these pins to an adequate area of
copper foil. This permits the use of standard layout and
mounting practices while having the ability to halve the
junction−to−air thermal resistance. These examples are for
a symmetrical layout on a single−sided board with two
ounce per square foot of copper.
APPLICATIONS
The following converter applications show the simplicity
and flexibility of this circuit architecture. Three main
converter topologies are demonstrated with actual test data
shown below each of the circuit diagrams.


Similar Part No. - NCV33163PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33163P ONSEMI-NCV33163P Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results

Similar Description - NCV33163PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com