Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8501D25R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8501D25R2
Description  Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8501D25R2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8501D25R2 Datasheet HTML 1Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 2Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 3Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 4Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 5Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 6Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 7Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 8Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 26
1
Publication Order Number:
NCV8501/D
NCV8501 Series
Micropower 150 mA LDO
Linear Regulators
with ENABLE, DELAY,
RESET, and Monitor FLAG
The NCV8501 is a family of precision micropower voltage
regulators. Their output current capability is 150 mA. The family has
output voltage options for adjustable, 2.5 V, 3.3 V, 5.0 V, 8.0 V, and 10 V.
The output voltage is accurate within
±2.0% with a maximum
dropout voltage of 0.6 V at 150 mA. Low quiescent current is a feature
drawing only 90
mA with a 100 mA load. This part is ideal for any and
all battery operated microprocessor equipment.
Microprocessor control logic includes an active RESET (with
DELAY), and a FLAG monitor which can be used to provide an early
warning signal to the microprocessor of a potential impending RESET
signal. The use of the FLAG monitor allows the microprocessor to
finish any signal processing before the RESET shuts the
microprocessor down.
The active RESET circuit operates correctly at an output voltage as
low as 1.0 V. The RESET function is activated during the power up
sequence or during normal operation if the output voltage drops
outside the regulation limits.
The regulator is protected against reverse battery, short circuit, and
thermal overload conditions. The device can withstand load dump
transients making it suitable for use in automotive environments. The
device has also been optimized for EMC conditions.
Features
Output Voltage Options: Adjustable, 2.5 V, 3.3 V, 5.0 V, 8.0 V, 10 V
±2.0% Output
Low 90 mA Quiescent Current
Fixed or Adjustable Output Voltage
Active RESET
ENABLE
150 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−15 V Reverse Voltage
Short Circuit
Thermal Overload
Early Warning through FLAG/MON Leads
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
Pb−Free Packages are Available
SO−8
D SUFFIX
CASE 751
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
SOIC 16 LEAD
WIDE BODY
EXPOSED PAD
PDW SUFFIX
CASE 751AG
1
16
http://onsemi.com
SO−8
SOW−16
E PAD
1
16
x
= Voltage Ratings as Indicated Below:
A = Adjustable
2 = 2.5 V
3 = 3.3 V
5 = 5.0 V
8 = 8.0 V
0 = 10 V
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
MARKING DIAGRAMS
8501x
AWLYYWWG
8501x
ALYW
G
1
8
1
8


Similar Part No. - NCV8501D25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501D25R2 ONSEMI-NCV8501D25R2 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
More results

Similar Description - NCV8501D25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com