Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8506D2TADJR4 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8506D2TADJR4
Description  Micropower 400 mA LDO Linear Regulators with DELAY and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8506D2TADJR4 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8506D2TADJR4 Datasheet HTML 4Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 5Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 6Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 7Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 8Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 9Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 10Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 11Page - ON Semiconductor NCV8506D2TADJR4 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCV8506 Series
http://onsemi.com
9
CIRCUIT DESCRIPTION
REGULATOR CONTROL FUNCTIONS
The NCV8506 contains the microprocessor compatible
control function RESET (Figure 13).
Figure 13. Reset and Delay Circuit Wave Forms
VIN
VOUT
RESET
DELAY
(VDT)
Threshold
DELAY
Threshold
RESET
Td
Td
RESET Function
A RESET signal (low voltage) is generated as the IC
powers up until VOUT is within 1.5% of the regulated output
voltage, or when VOUT drops out of regulation,and is lower
than 4.0% below the regulated output voltage. Hysteresis is
included in the function to minimize oscillations.
The RESET output is an open collector NPN transistor,
controlled by a low voltage detection circuit. The circuit is
functionally independent of the rest of the IC thereby
guaranteeing that the RESET signal is valid for VOUT as low
as 1.0 V.
DELAY Function
The reset delay circuit provides a programmable (by
external capacitor) delay on the RESET output lead.
The DELAY lead provides source current (typically 4.0
mA)
to the external DELAY capacitor during the following
proceedings:
1. During Power Up (once the regulation threshold
has been verified).
2. After a reset event has occurred and the device is
back in regulation. The DELAY capacitor is
discharged when the regulation (RESET threshold)
has been violated. This is a latched incident. The
capacitor will fully discharge and wait for the
device to regulate before going through the delay
time event again.
Voltage Adjust
Figure 14 shows the device setup for a user configurable
output voltage. The feedback to the VADJ pin is taken from
a voltage divider referenced to the output voltage. The loop
is balanced around the Unity Gain threshold (1.30 V
typical).
Figure 14. Adjustable Output
Voltage
VOUT
VADJ
NCV8506
15 k
5.1 k
COUT
≈5.0 V
1.28 V
APPLICATION NOTES
SETTING THE DELAY TIME
The delay time is controlled by the Reset Delay Low
Voltage, Delay Switching Threshold, and the Delay Charge
Current. The delay follows the equation:
tDELAY +
[CDELAY(Vdt * Reset Delay Low Voltage)]
Delay Charge Current
Example:
Using CDELAY = 33 nF.
Assume reset Delay Low Voltage = 0.
Use the typical value for Vdt = 1.8 V (2.5 V, 3.3 V, and
5.0 V options).
Use the typical value for Delay Charge Current = 4.2
mA.
tDELAY +
[33 nF(1.8 * 0)]
4.2 mA
+ 14 ms
STABILITY CONSIDERATIONS
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum or
aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause
instability. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturers data sheet usually provides this information.


Similar Part No. - NCV8506D2TADJR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8506D2TADJR4 ONSEMI-NCV8506D2TADJR4 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
More results

Similar Description - NCV8506D2TADJR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com