Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8505D2TADJ Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8505D2TADJ
Description  Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8505D2TADJ Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8505D2TADJ Datasheet HTML 4Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 5Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 6Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 7Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 8Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 9Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 10Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 11Page - ON Semiconductor NCV8505D2TADJ Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCV8505 Series
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
0.01
Iout, OUTPUT CURRENT (mA)
50
100
150
200
250
350
400
100
10
1.0
0.1
0
Figure 9. Output Stability with Output Voltage Change
Figure 10. Output Stability with Output Capacitor
Change
300
VIN = 14 V
CVOUT = 10 mF
Unstable Region
Stable Region
2.5 V
3.3 V
5.0 V
0.1
Iout, OUTPUT CURRENT (mA)
50
100
150
200
250
350
400
100
10
1.0
0
300
5 V version
Unstable Region
Stable Region
CVOUT = 0.1 mF
Unstable Region
CVOUT = 33 mF*
*There is no unstable lower
region for the 33 mF capacitor
Figure 11. Quiescent Current vs. Output Current
Figure 12. Quiescent Current vs. Output Current
Figure 13. Quiescent Current vs. Input Voltage
0
0.0
IOUT, OUTPUT CURRENT (mA)
0.2
0.4
0.6
0.8
1.0
1.2
2.0
510
15
20
30
25
+25°C
+125°C
−40°C
Figure 14. Quiescent Current vs. Input Voltage
35
40
50
45
1.4
1.6
1.8
0
0
IOUT, OUTPUT CURRENT (mA)
10
20
30
40
50
60
50 100 150 200
300
250
+25°C
+125°C
−40°C
350 400
500
450
6
0
VIN, INPUT VOLTAGE (V)
2
4
6
8
10
12
8
10
12
14
18
16
T = 25°C
Iout = 200 mA
20
22
26
24
Iout = 100 mA
Iout = 50 mA
Iout = 10 mA
6
175
VIN, INPUT VOLTAGE (V)
180
185
190
195
200
210
8
10
12
14
18
16
T = 25°C
20
22
26
24
Iout = 100 mA
205


Similar Part No. - NCV8505D2TADJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505D2TADJ ONSEMI-NCV8505D2TADJ Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505D2TADJG ONSEMI-NCV8505D2TADJG Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8505D2TADJR4 ONSEMI-NCV8505D2TADJR4 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505D2TADJR4G ONSEMI-NCV8505D2TADJR4G Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
More results

Similar Description - NCV8505D2TADJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com