Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8184DTRK Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8184DTRK
Description  Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8184DTRK Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8184DTRK Datasheet HTML 5Page - ON Semiconductor NCV8184DTRK Datasheet HTML 6Page - ON Semiconductor NCV8184DTRK Datasheet HTML 7Page - ON Semiconductor NCV8184DTRK Datasheet HTML 8Page - ON Semiconductor NCV8184DTRK Datasheet HTML 9Page - ON Semiconductor NCV8184DTRK Datasheet HTML 10Page - ON Semiconductor NCV8184DTRK Datasheet HTML 11Page - ON Semiconductor NCV8184DTRK Datasheet HTML 12Page - ON Semiconductor NCV8184DTRK Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCV8184
http://onsemi.com
11
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 (s)
Figure 30. DPAK 5−Lead Thermal Duty Cycle Curves on 1.0 in. Spreader Test Board
(1.0 in pad PCB) Die Size = 2.08 x 1.55 x 0.40 5.0% Active Area
50% Duty Cycle
20%
Single Pulse
10%
5%
2%
1%
Duty Cycle, D =
t 1
t 2
PDM
Notes:
t 1
t 2
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Time (s)
Figure 31. DPAK 5−Lead Thermal Transient Response on Typical Test Boards
min pad (Cu Area = 100 mm2)
1.0 in pad (Cu Area = 653 mm2)
Die Size = 2.08 x 1.55 x 0.40 5.0% Active Area
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Time constants are not simple RC products.
Amplitudes of mathematical solution are not the resistance values.
Figure 32. Grounded Capacitor Thermal Network (“Cauer” Ladder)
Figure 33. Non−Grounded Capacitor Thermal Ladder (“Foster” Ladder)
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Each rung is exactly characterized by its RC−product time constant;
Amplitudes are the resistances


Similar Part No. - NCV8184DTRK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184DTRK ONSEMI-NCV8184DTRK Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184DTRKG ONSEMI-NCV8184DTRKG Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
More results

Similar Description - NCV8184DTRK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com