Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8502DADJG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8502DADJG
Description  Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502DADJG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8502DADJG Datasheet HTML 1Page - ON Semiconductor NCV8502DADJG Datasheet HTML 2Page - ON Semiconductor NCV8502DADJG Datasheet HTML 3Page - ON Semiconductor NCV8502DADJG Datasheet HTML 4Page - ON Semiconductor NCV8502DADJG Datasheet HTML 5Page - ON Semiconductor NCV8502DADJG Datasheet HTML 6Page - ON Semiconductor NCV8502DADJG Datasheet HTML 7Page - ON Semiconductor NCV8502DADJG Datasheet HTML 8Page - ON Semiconductor NCV8502DADJG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCV8502 Series
http://onsemi.com
5
PACKAGE PIN DESCRIPTION, ADJUSTABLE OUTPUT
Package Pin Number
Pin Symbol
Function
SO−8
SOW−16
E PAD
1
7
VIN
Input Voltage.
2
8
MON
Monitor. Input for early warning comparator. If not needed connect to VOUT.
3, 4
3−6, 9−12,
14, 15
NC
No connection.
5
13
GND
Ground. All GND leads must be connected to Ground.
6
16
FLAG
Open collector output from early warning comparator.
7
1
VADJ
Voltage Adjust. A resistor divider from VOUT to this lead sets the output voltage.
8
2
VOUT
±2.0%, 150 mA output.
PACKAGE PIN DESCRIPTION, FIXED OUTPUT
Package Pin Number
Pin Symbol
Function
SO−8
SOW−16
E PAD
1
7
VIN
Input Voltage.
2
8
MON
Monitor. Input for early warning comparator. If not needed connect to VOUT.
3
9
RADJ
Reset Adjust. If not needed connect to ground.
4
10
DELAY
Timing capacitor for RESET function.
5
13
GND
Ground. All GND leads must be connected to Ground.
6
16
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
7
1
FLAG
Open collector output from early warning comparator.
8
2
VOUT
±2.0%, 150 mA output.
3−6, 11, 12,
14, 15
NC
No connection.


Similar Part No. - NCV8502DADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502DADJG ONSEMI-NCV8502DADJG Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
More results

Similar Description - NCV8502DADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com