Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8184DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8184DR2
Description  Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8184DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8184DR2 Datasheet HTML 1Page - ON Semiconductor NCV8184DR2 Datasheet HTML 2Page - ON Semiconductor NCV8184DR2 Datasheet HTML 3Page - ON Semiconductor NCV8184DR2 Datasheet HTML 4Page - ON Semiconductor NCV8184DR2 Datasheet HTML 5Page - ON Semiconductor NCV8184DR2 Datasheet HTML 6Page - ON Semiconductor NCV8184DR2 Datasheet HTML 7Page - ON Semiconductor NCV8184DR2 Datasheet HTML 8Page - ON Semiconductor NCV8184DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCV8184
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature
−65 to 150
°C
Supply Voltage Range (continuous)
−15 to 42
V
Supply Voltage Operating Range
4.0 to 42
V
Peak Transient Voltage (VIN = 14 V, Load Dump Transient = 28 V)
42
V
Voltage Range (VOUT, Adj)
−3.0 to 42
V
Voltage Range (VREF/ENABLE)
−0.3 to 42
V
Maximum Junction Temperature
150
°C
ESD Capability
Human Body Model
Machine Model
Charge Device Model
2.5
200
1000
kV
V
V
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
240 peak
260 peak (Pb−Free)
(Note 2)
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183
°C.
2. −5
°C / +0°C Allowable Conditions, applies to both Pb and Pb−Free devices.
THERMAL CHARACTERISTICS See Package Thermal Data Section (Page 8)
ELECTRICAL CHARACTERISTICS (VIN = 14 V; VREF/ENABLE > 2.1 V; −40°C < TJ < +150°C; COUT = 1.0 mF;
IOUT = 1.0 mA; Adj = VOUT; COUT−ESR = 1.0 W, unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Regular Output
VREF/ENABLE − VOUT
VOUT Tracking Error
5.7 V
≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 60 mA
2.1 V
≤ VREF/ENABLE ≤ (VIN − 600 mV)
−3.0
3.0
mV
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 5.0 mA
IOUT = 60 mA
100
250
350
150
500
600
mV
mV
mV
Line Regulation
5.7 V
≤ VIN ≤ 26 V, VREF/ENABLE = 5.0 V
3.0
mV
Load Regulation
100
mA ≤ IOUT ≤ 60 mA, VREF/ENABLE = 5.0 V
3.0
mV
Adj Input Bias Current
VREF/ENABLE = 5.0 V
0.2
6.0
mA
Current Limit
VIN = 14 V, VREF/ENABLE = 5.0 V, VOUT = 90% of Adj
70
400
mA
Quiescent Current (IIN − IOUT)
VIN = 12 V, IOUT = 60 mA
VIN = 12 V, IOUT = 100 mA
VIN = 12 V, VREF/ENABLE = 0 V
5.0
50
7.0
70
20
mA
mA
mA
Ripple Rejection
f = 120 Hz, IOUT = 60 mA, 6.0 V ≤ VIN ≤ 26 V
60
dB
Thermal Shutdown
Guaranteed by Design
150
180
210
°C
VREF/ENABLE
Enable Voltage
0.8
2.1
V
Input Bias Current
VREF/ENABLE = 5.0 V
0.2
3.0
mA
PACKAGE PIN DESCRIPTION
Package Lead Number
Lead Symbol
Function
SOIC−8
DPAK, 5−LEAD
8
1
VIN
Battery supply input voltage.
1
2
VOUT
Regulated output.
2, 3, 6, 7
Tab, 3
GND
Ground.
4
4
Adj
Adjust lead, noninverting input.
5
5
VREF/ENABLE
Reference voltage and ENABLE input.


Similar Part No. - NCV8184DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184DR2 ONSEMI-NCV8184DR2 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184DR2G ONSEMI-NCV8184DR2G Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
More results

Similar Description - NCV8184DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com