Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8184DR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8184DR2
Description  Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8184DR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8184DR2 Datasheet HTML 5Page - ON Semiconductor NCV8184DR2 Datasheet HTML 6Page - ON Semiconductor NCV8184DR2 Datasheet HTML 7Page - ON Semiconductor NCV8184DR2 Datasheet HTML 8Page - ON Semiconductor NCV8184DR2 Datasheet HTML 9Page - ON Semiconductor NCV8184DR2 Datasheet HTML 10Page - ON Semiconductor NCV8184DR2 Datasheet HTML 11Page - ON Semiconductor NCV8184DR2 Datasheet HTML 12Page - ON Semiconductor NCV8184DR2 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NCV8184
http://onsemi.com
9
Table 1. SOIC−8 Thermal RC Network Models*
Board Type
Min−Pad
1.0 inch Pad
Min−Pad
1.0 inch Pad
(SPICE Deck Format)
Cauer Network
Foster Network
Min
1.0 inch
Units
Tau
Tau
Units
C_C1
Junction
Gnd
7.06879E−7
7.06879E−7
W−s/C
2.99E−7
2.99E−7
sec
C_C2
node1
Gnd
3.34499E−6
3.34499E−6
W−s/C
4.40E−6
4.40E−6
sec
C_C3
node2
Gnd
1.00350E−5
1.00350E−5
W−s/C
4.48E−5
4.48E−5
sec
C_C4
node3
Gnd
3.68358E−5
3.68358E−5
W−s/C
2.46E−4
2.46E−4
sec
C_C5
node4
Gnd
4.29554E−4
4.29554E−4
W−s/C
4.72E−3
4.72E−3
sec
C_C6
node5
Gnd
7.20791E−3
7.20791E−3
W−s/C
7.18E−2
7.25E−2
sec
C_C7
node6
Gnd
3.52182E−2
3.76156E−2
W−s/C
1.61E+0
1.31E+0
sec
C_C8
node7
Gnd
7.16622E−1
1.33747E+0
W−s/C
2.08E+1
1.62E+1
sec
C_C9
node8
Gnd
6.57830E+0
3.97588E+0
W−s/C
1.33E+2
1.08E+2
sec
Min
1.0 inch
R’s
R’s
R_R1
Junction
node1
5.17805E−1
5.1780E−1
°C/W
0.34137
0.34137
°C/W
R_R2
node1
node2
1.55341E+0
1.5534E+0
°C/W
0.83581
0.83581
°C/W
R_R3
node2
node3
4.66024E+0
4.6602E+0
°C/W
2.36526
2.36526
°C/W
R_R4
node3
node4
4.98386E+0
4.9838E+0
°C/W
6.76959
6.76960
°C/W
R_R5
node4
node5
1.04570E+1
1.0457E+1
°C/W
10.39190
10.39200
°C/W
R_R6
node5
node6
1.14509E+1
1.1450E+1
°C/W
8.68648
8.81855
°C/W
R_R7
node6
node7
3.94880E+1
2.9500E+1
°C/W
38.62760
31.37390
°C/W
R_R8
node7
node8
3.10554E+1
1.6877E+1
°C/W
27.65780
8.93175
°C/W
R_R9
node8
node9
1.77562E+1
1.8812E+1
°C/W
26.24690
28.98470
°C/W
Table 2. DPAK 5−Lead Thermal RC Network Models*
Drain Copper Area (1 oz thick)
100 mm2
653 mm2
100 mm2
653 mm2
(SPICE Deck Format)
Cauer Network
Foster Network
100 mm2
653 mm2
Units
Tau
Tau
Units
C_C1
Junction
Gnd
1.51E−06
1.51E−06
W−s/C
1.00E−06
1.00E−06
sec
C_C2
node1
Gnd
6.00E−06
5.91E−06
W−s/C
1.00E−05
1.00E−05
sec
C_C3
node2
Gnd
1.90E−05
1.81E−05
W−s/C
1.00E−04
1.00E−04
sec
C_C4
node3
Gnd
1.05E−04
9.59E−05
W−s/C
7.00E−04
6.00E−04
sec
C_C5
node4
Gnd
2.98E−03
3.21E−03
W−s/C
1.03E−02
1.03E−02
sec
C_C6
node5
Gnd
2.37E−02
7.87E−02
W−s/C
1.71E−01
1.71E−01
sec
C_C7
node6
Gnd
4.95E−02
7.88E−02
W−s/C
1.17E+00
1.17E+00
sec
C_C8
node7
Gnd
2.32E−01
1.03E+00
W−s/C
7.63E+00
7.63E+00
sec
C_C9
node8
Gnd
6.95E−01
1.58E+00
W−s/C
3.93E+01
3.93E+01
sec
C_C10
node9
Gnd
6.91E+00
1.16E+01
W−s/C
1.42E+02
1.42E+02
sec
100 mm2
653 mm2
R’s
R’s
R_R1
Junction
node1
0.845
0.850
°C/W
0.507
0.507
°C/W
R_R2
node1
node2
1.886
1.933
°C/W
1.096
1.096
°C/W
R_R3
node2
node3
4.758
5.070
°C/W
3.467
3.467
°C/W
R_R4
node3
node4
5.336
4.862
°C/W
7.168
7.168
°C/W
R_R5
node4
node5
3.735
3.201
°C/W
3.394
3.394
°C/W
R_R6
node5
node6
10.537
5.293
°C/W
4.000
0.720
°C/W
R_R7
node6
node7
19.583
6.828
°C/W
15.000
8.912
°C/W
R_R8
node7
node8
38.068
13.172
°C/W
20.000
3.636
°C/W
R_R9
node8
node9
43.000
16.466
°C/W
50.000
15.161
°C/W
R_R10
node9
gnd
16.884
8.868
°C/W
40.000
22.480
°C/W
*Bold face items in the tables above represent the package without the external thermal system.


Similar Part No. - NCV8184DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184DR2 ONSEMI-NCV8184DR2 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184DR2G ONSEMI-NCV8184DR2G Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
More results

Similar Description - NCV8184DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com