Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C66A-10PU-2.7 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT93C66A-10PU-2.7
Description  Three-wire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66A-10PU-2.7 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT93C66A-10PU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 9Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 10Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 11Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 12Page - ATMEL Corporation AT93C66A-10PU-2.7 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AT93C56A/66A
3378K–SEEPR–12/06
Figure 9. ERAL Timing(1)
Note:
1. Valid only at VCC = 4.5V to 5.5V.
SK
CS
DI
1
1
00
0
DO
HIGH IMPEDANCE
HIGH IMPEDANCE
READY
BUSY
CHECK
STATUS
STANDBY
t
WP
t
CS
t
SV
t
DF


Similar Part No. - AT93C66A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A-10PI-1.8 ATMEL-AT93C66A-10PI-1.8 Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
AT93C66A-10PI-2.7 ATMEL-AT93C66A-10PI-2.7 Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
More results

Similar Description - AT93C66A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com