Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8141D2T Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8141D2T
Description  5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8141D2T Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8141D2T Datasheet HTML 1Page - ON Semiconductor NCV8141D2T Datasheet HTML 2Page - ON Semiconductor NCV8141D2T Datasheet HTML 3Page - ON Semiconductor NCV8141D2T Datasheet HTML 4Page - ON Semiconductor NCV8141D2T Datasheet HTML 5Page - ON Semiconductor NCV8141D2T Datasheet HTML 6Page - ON Semiconductor NCV8141D2T Datasheet HTML 7Page - ON Semiconductor NCV8141D2T Datasheet HTML 8Page - ON Semiconductor NCV8141D2T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV8141
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (7.0
≤ VIN ≤ 26 V, 5.0 mA ≤ IOUT ≤ 500 mA, −40°C ≤ TJ ≤ 150°C, −40°C ≤ TA
125
°C, unless otherwise noted.) (Note 4)
Characteristic
Test Conditions
Min
Typ
Max
Unit
RESET
Threshold HIGH VR(HI)
VOUT Increasing
4.65
4.90
VOUT − 0.05
V
Threshold LOW VR(LOW)
VOUT Decreasing
4.50
4.70
4.90
V
Threshold Hysteresis (VRH)
(HIGH − LOW)
150
200
250
mV
RESET Output Leakage
RESET = HIGH
VOUT ≥ VR(HI)
25
mA
Output Voltage Low (VL(LOW))
1.0 V
≤ VOUT ≤ VR(LOW), RP = 2.7 kW (Note 5)
0.1
0.4
V
Output Voltage Low (VRpeak)
VOUT, Power up, Power down
0.6
1.0
V
Delay Time tPOR
CDELAY = 0.1 mF
30
47.5
65
ms
Delay Time tWDI(RESET)
CDELAY = 0.1 mF
0.5
1.0
1.5
ms
Watchdog
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
WDI
≤ VOUT
0
10
mA
Threshold Frequency fWDI
CDELAY = 0.1 mF
64
77
96
Hz
4. To observe safe operating junction temperatures, low duty cycle pulse testing is used in tests where applicable.
5. RP is connected to RESET and VOUT.


Similar Part No. - NCV8141D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141D2T ONSEMI-NCV8141D2T Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141D2TG ONSEMI-NCV8141D2TG Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141D2TR4 ONSEMI-NCV8141D2TR4 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
More results

Similar Description - NCV8141D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com