Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C56AY6-10YH-1.8 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT93C56AY6-10YH-1.8
Description  Three-wire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56AY6-10YH-1.8 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT93C56AY6-10YH-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 9Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 10Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 11Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 12Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 13Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 14Page - ATMEL Corporation AT93C56AY6-10YH-1.8 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
AT93C56A/66A
3378K–SEEPR–12/06
Notes: 1. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC characteristics table.
2. “U” designates Green package + RoHS compliant.
3. “H” designates Green package + RoHS compliant, with NiPdAu Lead Finish.
4. Available in waffle pack and wafer form; order as SL788 for inkless wafer form. Bumped die available upon request. Please
contact Serial EEPROM Marketing.
AT93C66A Ordering Information(1)
Ordering Code
Package
Operation Range
AT93C66A-10PU-2.7(2)
AT93C66A-10PU-1.8(2)
AT93C66A-10SU-2.7(2)
AT93C66A-10SU-1.8(2)
AT93C66AW-10SU-2.7(2)
AT93C66AW-10SU-1.8(2)
AT93C66A-10TU-2.7(2)
AT93C66A-10TU-1.8(2)
AT93C66AU3-10UU-1.8(2)
AT93C66AY1-10YU-1.8(2) (Not recommended for new design)
AT93C66AY6-10YH-1.8(3)
8P3
8P3
8S1
8S1
8S2
8S2
8A2
8A2
8U3-1
8Y1
8Y6
Lead-free/Halogen-free/
Industrial Temperature
(
−40°C to 85°C)
AT93C66A-W1.8-11(4)
Die Sale
Industrial Temperature
(
−40°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8S2
8-lead, 0.200" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
8A2
8-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
8U3-1
8-ball, die Ball Grid Array Package (dBGA2)
8Y1
8-lead, 4.90 mm x 3.00 mm Body, Dual Footprint, Non-leaded, Miniature Array Package (MAP)
8Y6
8-lead, 2.00 mm x 3.00 mm Body, 0.50 mm Pitch, Ultra Thin Mini-MAP, Dual No Lead package (DFN), (MLP 2x3 mm)
Options
−2.7
Low-voltage (2.7V to 5.5V)
−1.8
Low-voltage (1.8V to 5.5V)


Similar Part No. - AT93C56AY6-10YH-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56AY6-10YH-1.8 ATMEL-AT93C56AY6-10YH-1.8 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT93C56AY6-10YH-1.8 ATMEL-AT93C56AY6-10YH-1.8 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C56AY6-10YH-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com