Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7382DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV7382DR2G
Description  Enhanced LIN Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7382DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV7382DR2G Datasheet HTML 1Page - ON Semiconductor NCV7382DR2G Datasheet HTML 2Page - ON Semiconductor NCV7382DR2G Datasheet HTML 3Page - ON Semiconductor NCV7382DR2G Datasheet HTML 4Page - ON Semiconductor NCV7382DR2G Datasheet HTML 5Page - ON Semiconductor NCV7382DR2G Datasheet HTML 6Page - ON Semiconductor NCV7382DR2G Datasheet HTML 7Page - ON Semiconductor NCV7382DR2G Datasheet HTML 8Page - ON Semiconductor NCV7382DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCV7382
http://onsemi.com
2
Figure 1. Block Diagram
VCC
Internal Supply
and
References
Biasing &
Bandgap
Thermal
Shutdown
POR
SLEW RATE
CONTROL
TxD
BUS Driver
Input
Filter
Receive
Comparator
RxD
BUS
GND
VS
NCV7382
INH
EN
MODE
CONTROL
Wakeup
Filter
30 K
PACKAGE PIN DESCRIPTION
Pin
Symbol
Description
1
RXD
Receive data from BUS to microprocessor, LOW in dominant state.
2
EN
Enables the normal operation mode when HIGH.
3
VCC
5.0 V supply input.
4
TXD
Transmit data from microprocessor to BUS, LOW in dominant state.
5
GND
Ground.
6
BUS
LIN bus pin, LOW in dominant state.
7
VS
Battery input voltage.
8
INH
Control output for voltage regulator, termination pin for master pullup.


Similar Part No. - NCV7382DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7382DR2 ONSEMI-NCV7382DR2 Datasheet
112Kb / 16P
   Enhanced LIN Transceiver
May, 2004 ??Rev. P1
More results

Similar Description - NCV7382DR2G

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
   Enhanced LIN Transceiver
logo
ON Semiconductor
NCV7382 ONSEMI-NCV7382 Datasheet
112Kb / 16P
   Enhanced LIN Transceiver
May, 2004 ??Rev. P1
logo
Melexis Microelectronic...
MLX80004 MELEXIS-MLX80004 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80002 MELEXIS-MLX80002 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com