Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C56AU3-10UU-1.8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT93C56AU3-10UU-1.8
Description  Three-wire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56AU3-10UU-1.8 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT93C56AU3-10UU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C56AU3-10UU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Features
Low-voltage and Standard-voltage Operation
– 2.7 (VCC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 5.5V)
User-selectable Internal Organization
– 2K: 256 x 8 or 128 x 16
– 4K: 512 x 8 or 256 x 16
Three-wire Serial Interface
Sequential Read Operation
2 MHz Clock Rate (5V)
Self-timed Write Cycle (10 ms Max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Automotive Devices Available
8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead Ultra Thin mini-MAP
(MLP 2x3), 8-lead TSSOP and 8-ball dBGA2 Packages
Description
The AT93C56A/66A provides 2048/4096 bits of serial electrically erasable program-
mable read-only memory (EEPROM) organized as 128/256 words of 16 bits each
(when the ORG pin is connected to VCC) and 256/512 words of 8 bits each (when the
ORG pin is tied to ground). The device is optimized for use in many industrial and
commercial applications where low-power and low-voltage operations are essential.
The AT93C56A/66A is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-
lead EIAJ SOIC, 8-lead Ultra Thin mini-MAP (MLP 2x3), 8-lead TSSOP, and 8-ball dBGA2
packages.
The AT93C56A/66A is enabled through the Chip Select pin (CS) and accessed via a
three-wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift
Clock (SK). Upon receiving a read instruction at DI, the address is decoded and the
data is clocked out serially on the data output pin DO. The write cycle is completely
self-timed and no separate erase cycle is required before write. The write cycle is only
enabled when the part is in the Erase/Write Enable State. When CS is brought “high”
following the initiation of a write cycle, the DO pin outputs the Ready/Busy status of
the part.
The AT93C56A/66A is available in 2.7V to 5.5V and 1.8V to 5.5V versions.
Table 1. Pin Configurations
Pin Name
Function
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
VCC
Power Supply
ORG
Internal Organization
NC
No Connect
Three-wire
Serial
EEPROM
2K (256 x 8 or 128 x 16)
4K (512 x 8 or 256 x 16)
AT93C56A
AT93C66A
3378K–SEEPR–12/06
VCC
NC
ORG
GND
CS
SK
DI
DO
1
2
3
4
8
7
6
5
8-ball dBGA2
Bottom view
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
NC
ORG
GND
8-lead SOIC
1
2
3
4
8
7
6
5
VCC
NC
ORG
GND
CS
SK
DI
DO
8-lead Ultra Thin mini-MAP (MLP 2x3)
Bottom view
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
NC
ORG
GND
8-lead PDIP
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
NC
ORG
GND
8-lead TSSOP


Similar Part No. - AT93C56AU3-10UU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56AU3-10UU-1.8 ATMEL-AT93C56AU3-10UU-1.8 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT93C56AU3-10UU-1.8 ATMEL-AT93C56AU3-10UU-1.8 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C56AU3-10UU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com