Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C56A-10TU-1.8 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT93C56A-10TU-1.8
Description  Three-wire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56A-10TU-1.8 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT93C56A-10TU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C56A-10TU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
AT93C56A/66A
3378K–SEEPR–12/06
Figure 1. Block Diagram
Note:
When the ORG pin is connected to VCC, the x 16 organization is selected. When it is connected to ground, the x 8 organization
is selected. If the ORG pin is left unconnected and the application does not load the input beyond the capability of the internal 1
Meg ohm pullup, then the x 16 organization is selected.
Absolute Maximum Ratings*
Operating Temperature
......................................−55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only, and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature
.........................................−65°C to +150°C
Voltage on Any Pin
with Respect to Ground
........................................ −1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT93C56A-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A-10TU-1.8 ATMEL-AT93C56A-10TU-1.8 Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
AT93C56A-10TU-1.8 ATMEL-AT93C56A-10TU-1.8 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT93C56A-10TU-1.8 ATMEL-AT93C56A-10TU-1.8 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C56A-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com