Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7601 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV7601
Description  Quad Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7601 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV7601_06 Datasheet HTML 1Page - ON Semiconductor NCV7601_06 Datasheet HTML 2Page - ON Semiconductor NCV7601_06 Datasheet HTML 3Page - ON Semiconductor NCV7601_06 Datasheet HTML 4Page - ON Semiconductor NCV7601_06 Datasheet HTML 5Page - ON Semiconductor NCV7601_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NCV7601
http://onsemi.com
3
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
1
OUTA
Driver A Output
2
CLAMPAB
Diode Clamp to Driver A and Driver B
3
OUTB
Driver B Output
4
GND
Ground
5
GND
Ground
6
OUTC
Driver C Output
7
CLAMPCD
Diode Clamp to Driver C and Driver D
8
OUTD
Driver D Output
9
IND
Driver D Input
10
INC
Driver C Input
11
VCC
5.0 V Input Supply Voltage
12
GND
Ground
13
GND
Ground
14
ENABLE
ENABLE Input to all Drivers
15
INB
Driver B Input
16
INA
Driver A Input
Figure 2. Simplified Block Diagram − Each Driver
ENABLE
VCC
INx
CLAMP
OUTx
+
<< 1.0
W
D
I
Current Limit
Thermal Limit
DT
J
V
+
1.35 V
18 V
18 V
OUTX = INX • ENA
Predriver


Similar Part No. - NCV7601_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7601P ONSEMI-NCV7601P Datasheet
55Kb / 8P
   Quad Driver
February, 2003 - Rev. 2
More results

Similar Description - NCV7601_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
   QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601 Datasheet
55Kb / 8P
   Quad Driver
February, 2003 - Rev. 2
logo
National Semiconductor ...
F100112 NSC-F100112 Datasheet
112Kb / 4P
   Quad Driver
logo
Renesas Technology Corp
ISL35411 RENESAS-ISL35411 Datasheet
845Kb / 12P
   Quad Driver
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112 Datasheet
99Kb / 4P
   QUAD DRIVER
1996 REV 2
logo
Intersil Corporation
ISL35411 INTERSIL-ISL35411 Datasheet
404Kb / 11P
   Quad Driver
logo
Micrel Semiconductor
SY100S313 MICREL-SY100S313_07 Datasheet
79Kb / 4P
   QUAD DRIVER
SY100S313 MICREL-SY100S313 Datasheet
97Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
MC10192 ONSEMI-MC10192_02 Datasheet
86Kb / 4P
   Quad Bus Driver
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com