Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C56A-10PU-1.8 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT93C56A-10PU-1.8
Description  Three-wire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56A-10PU-1.8 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT93C56A-10PU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C56A-10PU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
AT93C56A/66A
3378K–SEEPR–12/06
Note:
The X’s in the address field represent don’t care values and must be clocked.
Functional Description
The AT93C56A/66A is accessed via a simple and versatile three-wire serial communi-
cation interface. Device operation is controlled by seven instructions issued by the host
processor. A valid instruction starts with a rising edge of CS and consists of a Start
Bit (logic “1”) followed by the appropriate Op Code and the desired memory address
location.
READ (READ): The Read (READ) instruction contains the address code for the mem-
ory location to be read. After the instruction and address are decoded, data from the
selected memory location is available at the serial output pin DO. Output data changes
are synchronized with the rising edges of serial clock SK. It should be noted that a
dummy bit (logic “0”) precedes the 8- or 16-bit data output string. The AT93C56A/66A
supports sequential read operations. The device will automatically increment the inter-
nal address pointer and clock out the next memory location as long as Chip Select (CS)
is held high. In this case, the dummy bit (logic “0”) will not be clocked out between mem-
ory locations, thus allowing for a continuous stream of data to be read.
ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the
Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write Enable
(EWEN) instruction must be executed first before any programming instructions can be
carried out. Please note that once in the EWEN state, programming remains enabled
until an EWDS instruction is executed or VCC power is removed from the part.
ERASE (ERASE): The Erase instruction programs all bits in the specified memory loca-
tion to the logical “1” state. The self-timed erase cycle starts once the ERASE instruction
and address are decoded. The DO pin outputs the Ready/Busy status of the part if CS is
brought high after being kept low for a minimum of 250 ns (tCS). A logic “1” at pin DO
indicates that the selected memory location has been erased, and the part is ready for
another instruction.
Table 5. Instruction Set for the AT93C56A and AT93C66A
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A8 – A0
A7 – A0
Reads data stored in memory, at
specified address.
EWEN
1
00
11XXXXXXX
11XXXXXX
Write enable must precede all
programming modes.
ERASE
1
11
A8 – A0
A7 – A0
Erases memory location An – A0.
WRITE
1
01
A8 – A0
A7 – A0
D7 – D0
D15 – D0
Writes memory location An – A0.
ERAL
1
00
10XXXXXXX
10XXXXXX
Erases all memory locations. Valid
only at VCC = 4.5V to 5.5V.
WRAL
1
00
01XXXXXXX
01XXXXXX
D7 – D0
D15 – D0
Writes all memory locations. Valid
only at VCC = 5.0V ±10% and Disable
Register cleared.
EWDS
1
00
00XXXXXXX
00XXXXXX
Disables all programming
instructions.


Similar Part No. - AT93C56A-10PU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A-10PU-1.8 ATMEL-AT93C56A-10PU-1.8 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT93C56A-10PU-1.8 ATMEL-AT93C56A-10PU-1.8 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C56A-10PU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com