Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB355 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 7Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 8Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 9Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 10Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 11Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 12Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 13Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 14Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
11
AT43USB355
2603G–USB–04/06
Figure 5. READ Timing
SRAM Data
Memory
Table 3 summarizes how the AT43USB355 SRAM Memory is organized. The lower 1120 Data
Memory locations address the Register file, the I/O Memory and the internal data SRAM. The
first 96 locations address the Register File + I/O Memory, and the next 1024 locations address
the internal data SRAM. The five different addressing modes for the data memory cover:
Direct, Indirect with Displacement, Indirect, Indirect with Pre-decrement and Indirect with Post-
increment. In the register file, registers R26 to R31 feature the indirect addressing pointer reg-
isters. Direct addressing reaches the entire data space.
The Indirect with Displacement mode features 63 address locations that reach from the base
address given by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented and incremented.
The 32 general-purpose working registers, 64 I/O registers and the 1024 bytes of internal data
SRAM in the AT43USB355 are all accessible through these addressing modes.
To manage the USB hardware, a special set of registers is assigned. These registers are
mapped to SRAM space between addresses $1F00 and 1FFF. Table 3 and Table 4 give an
overview of these registers.
1
2
3
4
5
6
7
8
9
10112021222324252627282930
0
2
0
1
3
4
5
6
7
0
1
2
3
13
14
15
...
DATA OUT
MSB
HIGH IMPEDANCE
INSTRUCTION
BYTE ADDRESS
SCK
MOSI
MISO
SSN


Similar Part No. - AT43USB355_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
More results

Similar Description - AT43USB355_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
   Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with an Embedded Hub
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
   EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com