Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA88V Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA88V
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88V Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA88V Datasheet HTML 1Page - ATMEL Corporation ATMEGA88V Datasheet HTML 2Page - ATMEL Corporation ATMEGA88V Datasheet HTML 3Page - ATMEL Corporation ATMEGA88V Datasheet HTML 4Page - ATMEL Corporation ATMEGA88V Datasheet HTML 5Page - ATMEL Corporation ATMEGA88V Datasheet HTML 6Page - ATMEL Corporation ATMEGA88V Datasheet HTML 7Page - ATMEL Corporation ATMEGA88V Datasheet HTML 8Page - ATMEL Corporation ATMEGA88V Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 374 page
background image
5
2545J–AVR–12/06
ATmega48/88/168
2.
Overview
The ATmega48/88/168 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced
RISC architecture. By executing powerful instructions in a single clock cycle, the
ATmega48/88/168 achieves throughputs approaching 1 MIPS per MHz allowing the system
designer to optimize power consumption versus processing speed.
2.1
Block Diagram
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
PORT C (7)
PORT B (8)
PORT D (8)
USART 0
8bit T/C 2
16bit T/C 1
8bit T/C 0
A/D Conv.
Internal
Bandgap
Analog
Comp.
SPI
TWI
SRAM
Flash
EEPROM
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
Power
Supervision
POR / BOD &
RESET
PROGRAM
LOGIC
debugWIRE
2
GND
AREF
AVCC
ADC[6..7]
PC[0..6]
PB[0..7]
PD[0..7]
6
RESET
XTAL[1..2]
CPU


Similar Part No. - ATMEGA88V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88V ATMEL-ATMEGA88V Datasheet
2Mb / 349P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88V ATMEL-ATMEGA88V Datasheet
402Kb / 33P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88V ATMEL-ATMEGA88V Datasheet
4Mb / 378P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88V ATMEL-ATMEGA88V Datasheet
7Mb / 378P
   8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88V ATMEL-ATMEGA88V Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA88V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com