Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY13V-10SU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATTINY13V-10SU
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13V-10SU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATTINY13V-10SU Datasheet HTML 6Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 7Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 8Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 9Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 10Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 11Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 12Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 13Page - ATMEL Corporation ATTINY13V-10SU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 177 page
background image
10
ATtiny13
2535G–AVR–01/07
Instruction Execution
Timing
This section describes the general access timing concepts for instruction execution. The
AVR CPU is driven by the CPU clock clk
CPU, directly generated from the selected clock
source for the chip. No internal clock division is used.
Figure 6 shows the parallel instruction fetches and instruction executions enabled by the
Harvard architecture and the fast access Register File concept. This is the basic pipelin-
ing concept to obtain up to 1 MIPS per MHz with the corresponding unique results for
functions per cost, functions per clocks, and functions per power-unit.
Figure 6. The Parallel Instruction Fetches and Instruction Executions
Figure 7 shows the internal timing concept for the Register File. In a single clock cycle
an ALU operation using two register operands is executed, and the result is stored back
to the destination register.
Figure 7. Single Cycle ALU Operation
Reset and Interrupt
Handling
The AVR provides several different interrupt sources. These interrupts and the separate
Reset Vector each have a separate Program Vector in the Program memory space. All
interrupts are assigned individual enable bits which must be written logic one together
with the Global Interrupt Enable bit in the Status Register in order to enable the interrupt.
The lowest addresses in the Program memory space are by default defined as the
Reset and Interrupt Vectors. The complete list of vectors is shown in “Interrupts” on
page 42. The list also determines the priority levels of the different interrupts. The lower
the address the higher is the priority level. RESET has the highest priority, and next is
INT0 – the External Interrupt Request 0.
When an interrupt occurs, the Global Interrupt Enable I-bit is cleared and all interrupts
are disabled. The user software can write logic one to the I-bit to enable nested inter-
rupts. All enabled interrupts can then interrupt the current interrupt routine. The I-bit is
automatically set when a Return from Interrupt instruction – RETI – is executed.
clk
1st Instruction Fetch
1st Instruction Execute
2nd Instruction Fetch
2nd Instruction Execute
3rd Instruction Fetch
3rd Instruction Execute
4th Instruction Fetch
T1
T2
T3
T4
CPU
Total Execution Time
Register Operands Fetch
ALU Operation Execute
Result Write Back
T1
T2
T3
T4
clk
CPU


Similar Part No. - ATTINY13V-10SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13V-10SU ATMEL-ATTINY13V-10SU Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V-10SU ATMEL-ATTINY13V-10SU Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY13V-10SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_10 Datasheet
605Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V ATMEL-ATTINY13V_07 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_08 Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
2Mb / 169P
   8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com