Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7356D2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7356D2
Description  Single Wire CAN Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356D2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7356D2 Datasheet HTML 3Page - ON Semiconductor NCV7356D2 Datasheet HTML 4Page - ON Semiconductor NCV7356D2 Datasheet HTML 5Page - ON Semiconductor NCV7356D2 Datasheet HTML 6Page - ON Semiconductor NCV7356D2 Datasheet HTML 7Page - ON Semiconductor NCV7356D2 Datasheet HTML 8Page - ON Semiconductor NCV7356D2 Datasheet HTML 9Page - ON Semiconductor NCV7356D2 Datasheet HTML 10Page - ON Semiconductor NCV7356D2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCV7356
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (VBAT = 5.0 to 27 V, TA = −40 to +125°C, unless otherwise specified.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
TXD, MODE0, MODE1
High Level Input Voltage
Vih
6.0 < VBAT < 27 V
2.0
V
Low Level Input Voltage
Vil
6.0 < VBAT < 27 V
0.8
V
TxD Pullup Current
−IIL_TXD
TxD = L, MODE0 and 1 = H
5.0 < VBAT < 27 V
10
50
mA
MODE0 and 1 Pulldown Resistor
RMODE_pd
10
50
k
W
RXD
Low Level Output Voltage
Vol_rxd
IRxD = 2.0 mA
0.4
V
High Level Output Leakage
Iih_rxd
VRxD = 5.0 V
−10
10
mA
RxD Output Current
Irxd
VRxD = 5.0 V
70
mA
INH (14 Pin Package Only)
High Level Output Voltage
Voh_INH
IINH = −180 mA
VBAT −0.8
VBAT −0.5
VBAT
V
Leakage Current
IINH_lk
MODE0 = MODE1 = L, INH = 0 V
−5.0
5.0
mA


Similar Part No. - NCV7356D2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356D2 ONSEMI-NCV7356D2 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
206Kb / 24P
   Single Wire CAN Transceiver
September, 2016 ??Rev. 12
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results

Similar Description - NCV7356D2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com