Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7356 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7356 Datasheet HTML 1Page - ON Semiconductor NCV7356 Datasheet HTML 2Page - ON Semiconductor NCV7356 Datasheet HTML 3Page - ON Semiconductor NCV7356 Datasheet HTML 4Page - ON Semiconductor NCV7356 Datasheet HTML 5Page - ON Semiconductor NCV7356 Datasheet HTML 6Page - ON Semiconductor NCV7356 Datasheet HTML 7Page - ON Semiconductor NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NCV7356
http://onsemi.com
5
Electrical Specification
All voltages are referenced to ground (GND). Positive
currents flow into the IC. The maximum ratings given in
the table below are limiting values that do not lead to a
permanent damage of the device but exceeding any of these
limits may do so. Long term exposure to limiting values
may affect the reliability of the device.
MAXIMUM RATINGS
Rating
Symbol
Condition
Min
Max
Unit
Supply Voltage, Normal Operation
VBAT
−0.3
18
V
Short−Term Supply Voltage, Transient
VBAT.LD
Load Dump; t < 500 ms
40
V (peak)
Jump Start; t < 1.0 min
27
V
Transient Supply Voltage
VBAT.TR1
ISO 7637/1 Pulse 1 (Note 2)
−50
V
Transient Supply Voltage
VBAT.TR2
ISO 7637/1 Pulses 2 (Note 2)
100
V
Transient Supply Voltage
VBAT.TR3
ISO 7637/1 Pulses 3A, 3B
−200
200
V
CANH Voltage
VCANH
VBAT < 27 V
−20
40
V
VBAT = 0 V
−40
Transient Bus Voltage
VCANHTR1
ISO 7637/1 Pulse 1 (Note 3)
−50
V
Transient Bus Voltage
VCANHTR2
ISO 7637/1 Pulses 2 (Note 3)
100
V
Transient Bus Voltage
VCANHTR3
ISO 7637/1 Pulses 3A, 3B (Note 3)
−200
200
V
DC Voltage on Pin LOAD
VLOAD
Via RT > 2.0 k
W
−40
40
V
DC Voltage on Pins TxD, MODE1, MODE0, RxD
VDC
−0.3
7.0
V
ESD Capability of CANH
VESDBUS
Human Body Model
(with respect to VBAT and GND)
Eq. to Discharge 100 pF with 1.5 k
W
−4000
4000
V
ESD Capability of Any Other Pin
VESD
Human Body Model
Eq. to Discharge 100 pF with 1.5 k
W
−2000
2000
V
Maximum Latchup Free Current at Any Pin
ILATCH
−500
500
mA
Storage Temperature
TSTG
−55
150
°C
Junction Temperature
TJ
−40
150
°C
Lead Temperature Soldering
Reflow: (SMD styles only)
SOIC−14
Tsld
60 s − 150 s above 183
°C
240 peak
°C
SOIC−8
60 s − 150 s above 217
°C
260 peak
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. ISO 7637 test pulses are applied to VBAT via a reverse polarity diode and >1.0 mF blocking capacitor.
3. ISO 7637 test pulses are applied to CANH via a coupling capacitance of 1.0 nF.
4. ESD measured per Q100−002 (EIA/JESD22−A114−A).
TYPICAL THERMAL CHARACTERISTICS
Parameter
Test Condition, Typical Value
Unit
Min Pad Board
1
, Pad Board
SOIC−8
Junction−to−Lead (psi−JL7,
YJL8) or Pins 6−7
57 (Note 5)
51 (Note 6)
°C/W
Junction−to−Ambient (RqJA, qJA)
187 (Note 5)
128 (Note 6)
°C/W
SOIC−14
Junction−to−Lead (psi−JL8,
YJL8)
30 (Note 7)
30 (Note 8)
°C/W
Junction−to−Ambient (RqJA, qJA)
122 (Note 7)
84 (Note 8)
°C/W
5. 1 oz copper, 53 mm2 coper area, 0.062
″ thick FR4.
6. 1 oz copper, 716 mm2 coper area, 0.062
″ thick FR4.
7. 1 oz copper, 94 mm2 coper area, 0.062
″ thick FR4.
8. 1 oz copper, 767 mm2 coper area, 0.062
″ thick FR4.


Similar Part No. - NCV7356

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356 Datasheet
90Kb / 14P
   Single Wire CAN Transceiver
September, 2004 ??Rev. P2
NCV7356 ONSEMI-NCV7356 Datasheet
206Kb / 24P
   Single Wire CAN Transceiver
September, 2016 ??Rev. 12
NCV7356 ONSEMI-NCV7356 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
NCV7356D ONSEMI-NCV7356D Datasheet
90Kb / 14P
   Single Wire CAN Transceiver
September, 2004 ??Rev. P2
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
More results

Similar Description - NCV7356

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com