Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB081B-CC-2.5 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB081B-CC-2.5
Description  8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081B-CC-2.5 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB081B-CC-2.5 Datasheet HTML 1Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 2Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 3Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 4Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 5Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 6Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 7Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 8Page - ATMEL Corporation AT45DB081B-CC-2.5 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
Features
Single 2.5V - 3.6V or 2.7V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
20 MHz Max Clock Frequency
Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 4096 Pages (264 Bytes/Page) Main Memory
Supports Page and Block Erase Operations
Two 264-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming of Nonvolatile Memory
Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
Low Power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
Hardware Data Protection Feature
100% Compatible to AT45DB081 and AT45DB081A
5.0V-tolerant Inputs: SI, SCK, CS, RESET and WP Pins
Commercial and Industrial Temperature Ranges
Green (Pb/Halide-free) Packaging Options
Description
The AT45DB081B is a 2.5-volt or 2.7-volt only, serial interface Flash memory ideally
suited for a wide variety of digital voice-, image-, program code- and data-storage
applications. Its 8,650,752 bits of memory are organized as 4096 pages of 264 bytes
each. In addition to the main memory, the AT45DB081B also contains two SRAM
data buffers of 264 bytes each. The buffers allow receiving of data while a page in the
main memory is being reprogrammed, as well as writing a continuous data stream.
8-megabit
2.5-volt Only or
2.7-volt Only
DataFlash®
AT45DB081B
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
CBGA Top View
through Package
A
B
C
D
E
12
3
NC
VCC
WP
RESET
NC
NC
GND
RDY/BSY
SI
NC
SCK
CS
SO
NC
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
VCC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
NC
NC
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page Write
Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
Rev. 2225I–DFLSH–9/05
CASON
Top View through Package
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4


Similar Part No. - AT45DB081B-CC-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081B-CC-2.5 ATMEL-AT45DB081B-CC-2.5 Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results

Similar Description - AT45DB081B-CC-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
45DB041B ATMEL-45DB041B Datasheet
233Kb / 33P
   4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
   8-megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
   8-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com