Electronic Components Datasheet Search |
|
NCF0151330BP-XC Datasheet(PDF) 2 Page - C&D Technologies |
|
NCF0151330BP-XC Datasheet(HTML) 2 Page - C&D Technologies |
2 / 22 page 4118 14 th Avenue, Unit 4 Markham, Ontario L3R 0J3 1-866-740-1232 4607 S.E. International Way Milwaukie, Oregon 97222 1-971-206-2800 Page 2 NCA015 6200820000 A02 03Mar06 Volant NCA015 Series Non-Isolated 15A SIP/SMT DC/DC Converters www.cdtechno-cps.com Input Characteristics Notes & Conditions Min Typ. Max Units Input Voltage Operating Range 3.0 5 5.5 Vdc Input Reflected Ripple Current 100 mA p-p Inrush Current Transient 0.4 A 2s Input Filter Type (external) 100 μF Input Turn ON Threshold 2.8 V Input Turn OFF Threshold 2.7 V ON Control Open or 0 to +0.4V OFF Control +2.8V to Vin (<3mA) Output Characteristics Notes & Conditions Min Typ. Max Units Vout Accuracy 50% load -1.5 +1.5 % Output Loading 0 15 A Output Ripple & Noise @ 20Mhz Bandwidth. 30 mV Maximum Capacitive Load Low ESR 8000 μF Vout Trim Range (Nom) 0.9 3.3 V Total Accuracy Over line/load temperature <3% Current Limit 19.5 23 27 A Output Line Regulation -0.2 +0.2 % Output Load Regulation -0.5 +0.5 % Turn-on Overshoot 1 % SC Protection Technique Hiccup with auto recovery Pre-bias Start-up at output Unit starts monotonically with pre- bias Dynamic Characteristics Notes & Conditions Min Typ. Max Units Load Transient 50% step, 2.5A/ μs 100 mV Settling Time 100 μs Frequency 300khz Start-Up Time Vin to Vout and On/Off to Vout Vout rise to monotonic <20 ms General Specifications Notes & Conditions Min Typ. Max Units MTBF Calculated (MIL-HDBK-217F) 1.4 x10 6 Hrs Demonstrated @ 90% Confidence Level 1 x10 6 Hrs Thermal Protection Hotspot 110 120 °C Operating Temperature Without derating -40 60 °C Dimensions 2”Lx0.34”Wx0.5”H (50.8x8.64x12.7mm) Pin Dimensions 0.03” (0.76mm) Pin Material Round copper with tin-lead plated over nickel underplate Weight 0.3 ounces (8.5g) Flammability Rating UL94V-0 Standards Compliance CSA C22.2, No.60950/UL 60950, Third Edition (2000), File UL E165113 |
Similar Part No. - NCF0151330BP-XC |
|
Similar Description - NCF0151330BP-XC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |