Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFF0151331B0-XC Datasheet(PDF) 10 Page - C&D Technologies

Part # NFF0151331B0-XC
Description  Non-Isolated 15A SIP/SMT DC/DC Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NFF0151331B0-XC Datasheet(HTML) 10 Page - C&D Technologies

Back Button NFF0151331B0-XC Datasheet HTML 6Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 7Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 8Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 9Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 10Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 11Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 12Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 13Page - C&D Technologies NFF0151331B0-XC Datasheet HTML 14Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R 0J3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 10
NCA015 6200820000 A02 03Mar06
Volant NCA015 Series
Non-Isolated 15A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
NCA0151330S (5Vi, 1.0Vo) Derating Curve
0
2
4
6
8
10
12
14
16
0
10283040
5060708090
Ambient Temperature (C)
0 LFM
100 LFM
200 LFM
Fig. 14. SMT Power Derating vs Output Current for 5Vin 1.0V Out.
NCA0151330B (5Vi, 1.0Vo) Derating Curve
0
2
4
6
8
10
12
14
16
0
10203040
5060708090
Ambient Temperature (C)
0 LFM
100 LFM
200 LFM
Fig 15. SIP Power Derating vs Output Current for 5Vin 1.0V Out.


Similar Part No. - NFF0151331B0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFF0151331B0-XC MURATA-PS-NFF0151331B0-XC Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
More results

Similar Description - NFF0151331B0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com